Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2688 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2688
Description  Programmable Synchronous DC/DC Converter, Dual LDO Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2688 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2688 Datasheet HTML 1Page - Semtech Corporation SC2688 Datasheet HTML 2Page - Semtech Corporation SC2688 Datasheet HTML 3Page - Semtech Corporation SC2688 Datasheet HTML 4Page - Semtech Corporation SC2688 Datasheet HTML 5Page - Semtech Corporation SC2688 Datasheet HTML 6Page - Semtech Corporation SC2688 Datasheet HTML 7Page - Semtech Corporation SC2688 Datasheet HTML 8Page - Semtech Corporation SC2688 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC2688
Programmable Synchronous DC/DC
Converter, Dual LDO Controller
Features
Applications
Revision: March 25, 2004
Description
The SC2688 combines a synchronous voltage mode
controller with two low-dropout linear regulators
providing most of the circuitry necessary to implement three
DC/DC converters for powering advanced microprocessors
such as Pentium® III.
The SC2688 switching section features latched drive out-
put for enhanced noise immunity, pulse by pulse current
limiting and logic compatible shutdown. The SC2688
switching section operates at a fixed frequency of 140kHz,
providing an optimum compromise between size, efficiency
and cost in the intended application areas.
The SC2688 linear sections are low dropout regulators
with short circuit protection, supplying 1.5V for GTL bus
and 2.5V for non-GTL I/O.
·Synchronous design, enables no heatsink solution
95% efficiency (switching section)
Designed for embedded Pentium® III requirements
1.5V, 2.5V short circuit protected linear controllers
Embedded Pentium® III microprocessor supplies.
Typical Application Circuit
0.1uF
EN
2R2
1.5V
1k
1.9uH
+
330uF
2R2
3.3V
2.5V
0.1uF
SC2688S
16
4
5
6
7
8
11
12
13
10
9
15
1
14
2
3
AGND
VCC
LDOEN
CS-
CS+
DH
BST
EN
FB
DL
PGND
GATE2
GATE1
LDOV
LDOS1
LDOS2
x6
12V
0.1uF
1.00k
0.1uF
+
330uF
VCC_CORE
5mOhm
0.1uF
x4
+
330uF
+
1500uF
10
+
1500uF
5V
2.32k
+
47uF


Similar Part No. - SC2688

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC260 MOTOROLA-SC260 Datasheet
94Kb / 2P
Triacs Bidirectional Triode Thyristors
logo
Digitron Semiconductors
SC260 DIGITRON-SC260 Datasheet
229Kb / 4P
THYRISTORS
logo
New Jersey Semi-Conduct...
SC260 NJSEMI-SC260 Datasheet
228Kb / 4P
Hermetic Triacs
SC260 NJSEMI-SC260 Datasheet
228Kb / 4P
Hermetic Triacs
logo
Semtech Corporation
SC2602 SEMTECH-SC2602 Datasheet
304Kb / 16P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
More results

Similar Description - SC2688

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1164 SEMTECH-SC1164 Datasheet
130Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1182 SEMTECH-SC1182 Datasheet
130Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1185 SEMTECH-SC1185 Datasheet
122Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1186 SEMTECH-SC1186 Datasheet
109Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1189 SEMTECH-SC1189 Datasheet
313Kb / 16P
Programmable synchronous DC/DC Converter, Dual LDO Controller
logo
Rohm
BD9011EKN ROHM-BD9011EKN Datasheet
442Kb / 6P
Dual Synchronous DC/DC converter controller
BD9045FV ROHM-BD9045FV Datasheet
379Kb / 6P
Dual Synchronous DC/DC converter controller
logo
Semtech Corporation
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1189 SEMTECH-SC1189_05 Datasheet
275Kb / 16P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1189 SEMTECH-SC1189_07 Datasheet
276Kb / 16P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com