Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48C062 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT48C062
Description  Cost-Effective I/O Type 8-Bit MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C062 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT48C062 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48C062 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48C062 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48C062 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48C062 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48C062 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48C062 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48C062 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48C062 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Application Circuits
Note:
The resistance and capacitance for reset circuit should be designed to ensure that the VDD is stable and re-
mains in a valid range of the operating voltage before bringing RES high.
²*² Make the length of the wiring, which is connected to the RES pin as short as possible, to avoid noise
interference.
The following table shows the C1, C2 and R1 values corresponding to the different crystal values. (For refer-
ence only)
Crystal or Resonator
C1, C2
R1
4MHz Crystal
25pF
10k
W
4MHz Resonator
10pF
12k
W
3.58MHz Crystal
25pF
10k
W
3.58MHz Resonator
25pF
10k
W
2MHz Crystal
30pF
12k
W
2MHz Resonator
25pF
12k
W
1MHz Crystal
100pF
10k
W
480kHz Resonator
300pF
9.1k
W
455kHz Resonator
300pF
10k
W
429kHz Resonator
300pF
10k
W
400kHz Resonator
300pF
10k
W
The function of the resistor R1 is to ensure that the oscillator will switch off should low voltage condi-
tions occur. Such a low voltage, as mentioned here, is one which is less than the lowest value of the
MCU operating voltage. Note however that if the LVR is enabled then R1 can be removed.
HT48R062/HT48C062
Rev. 1.11
11
October 30, 2006
Options
The following table shows eight kinds of code option in the HT48R062/HT48C062. All the code options must be defined
to ensure proper system functioning.
No.
Options
1
WDT clock source: WDTOSC or fSYS/4
2
WDT function: enable or disable
3
LVR function: enable or disable
4
CLRWDT instruction(s): one or two clear WDT instruction(s)
5
System oscillator: RC or crystal
6
PA and PB pull-high resistors: none or pull-high
7
PA0~PA7 wake-up: enable or disable
P A 0 ~ P A 7
P B 0 ~ P B 2
H T 4 8 R 0 6 2 / H T 4 8 C 0 6 2
R E S
0 . 1 m F *
1 0 0 k W
V D D
V S S
0 . 1 m F
V D D
0 . 0 1 m F *
1 0 k W
O S C 1
O S C 2
O S C
C i r c u i t
S e e R i g h t S i d e
C r y s t a l S y s t e m O s c i l l a t o r
F o r t h e v a l u e s ,
s e e t a b l e b e l o w
R C S y s t e m O s c i l l a t o r
2 4 k W < R O S C < 1 M W
O S C C i r c u i t
O S C 1
O S C 2
R 1
C 1
C 2
O S C 1
O S C 2
N M O S o p e n d r a i n
f S Y S / 4
V D D
4 7 0 p F
R O S C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com