Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48C062 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT48C062
Description  Cost-Effective I/O Type 8-Bit MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C062 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT48C062 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48C062 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48C062 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48C062 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48C062 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48C062 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48C062 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48C062 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48C062 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Code
Option
Description
PA0~PA7
I/O
Pull-high
Wake-up
Bidirectional 8-bit input/output port. Each bit can be configured as wake-up in-
put by options. Software instructions determine the CMOS output or Schmitt
trigger input with a pull-high resistor (determined by pull-high options).
PB0~PB2
I/O
Pull-high
Bidirectional 3-bit input/output port. Software instructions determine the
CMOS output or Schmitt trigger input with a pull-high resistor (determined by
pull-high options).
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground
OSC2
OSC1
O
I
Crystal
or RC
OSC1, OSC2 are connected to an RC network or a crystal (determined by
code option) for the internal system clock. In the case of RC operation, OSC2
is the output terminal for 1/4 system clock (NMOS open drain output).
RES
I
¾
Schmitt trigger reset input. Active low.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total .............................................................150mA
IOH Total ..........................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾ fSYS=4MHz
2.2
¾
5.5
V
¾ fSYS=8MHz
3.3
¾
5.5
V
IDD1
Operating Current (Crystal OSC)
3V
No load, fSYS=4MHz
¾
0.6
1.5
mA
5V
¾
24
mA
IDD2
Operating Current (RC OSC)
3V
No load, fSYS=4MHz
¾
0.8
1.5
mA
5V
¾
2.5
4
mA
HT48R062/HT48C062
Rev. 1.11
2
October 30, 2006
H T 4 8 R 0 6 2 / H T 4 8 C 0 6 2
1 6 D I P - A / N S O P - A
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
P A 4
P A 5
P A 6
P A 7
O S C 2
O S C 1
V D D
R E S
P A 3
P A 2
P A 1
P A 0
P B 0
V S S
P B 1
P B 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com