Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS431L Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS431L
Description  1.2V SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS431L Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS431L Datasheet HTML 1Page - Advanced Monolithic Systems AMS431L Datasheet HTML 2Page - Advanced Monolithic Systems AMS431L Datasheet HTML 3Page - Advanced Monolithic Systems AMS431L Datasheet HTML 4Page - Advanced Monolithic Systems AMS431L Datasheet HTML 5Page - Advanced Monolithic Systems AMS431L Datasheet HTML 6Page - Advanced Monolithic Systems AMS431L Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS431L
TYPICAL PERFORMANCE CHARACTERISTICS
0.01
1
10
100
10
100
1000
100000
Reference Impedance vs. Frequency
0.1
1
FREQUENCY (kHz)
-1
-0.5
0
0.5
1
-300
200
-100
Cathode Current vs. Cathode Voltage
1.5
CATHODE VOLTAGE (V)
-200
300
0
T
A =25° C
V
R= VREF
100
-1.5
-1
0
0.5
1
-150
100
-50
Cathode Current vs. Cathode Voltage
1.5
CATHODE VOLTAGE (V)
-100
150
0
T
A =25° C
V
R= VREF
50
-0.5
-50
25
50
75 100 125
1.248
1.242
150
Reference Voltage vs.
Junction Temperature
JUNCTION TEMPERATURE (° C)
1.244
1.238
1.236
-25
0
I
Z= 100mA
1.246
1.240
1.234
-50
25
50
75 100 125
150
100
150
Reference Input Current vs.
Junction Temperature
JUNCTION TEMPERATURE (° C)
125
75
-25
0
I
Z= 10mA
50
-50
25
50
75 100 125
1.2
0.7
150
Ratio of Delta Reference Voltage to Delta
Cathode Voltage vs. Junction Temperature
JUNCTION TEMPERATURE (° C)
0.9
0.3
0.2
-25
0
I
Z= 10mA
1.0
0.5
0.0
-50
25
50
75 100 125
250
150
150
Off State Cathode Current vs.
Junction Temperature
JUNCTION TEMPERATURE (° C)
50
-25
0
V
R= 16V
200
100
0
R
1= 10kΩ
R
2= ∞
1.1
0.8
0.6
0.4
0.1
V
REF= 0V
V
Z= 6V
∆V
Z= 16V to V REF
-50
25
50
75 100 125
0.50
0.30
150
Reference Impedance vs.
Junction Temperature
JUNCTION TEMPERATURE (° C)
0.10
-25
0
I
Z = 0.1 to 100mA
0.40
0.20
0
V
Z= VREF
f< 1kHz
0.45
0.35
0.25
0.15
0.05
I
R= 60µA
T
A =25° C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com