Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS431L Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS431L
Description  1.2V SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS431L Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS431L Datasheet HTML 1Page - Advanced Monolithic Systems AMS431L Datasheet HTML 2Page - Advanced Monolithic Systems AMS431L Datasheet HTML 3Page - Advanced Monolithic Systems AMS431L Datasheet HTML 4Page - Advanced Monolithic Systems AMS431L Datasheet HTML 5Page - Advanced Monolithic Systems AMS431L Datasheet HTML 6Page - Advanced Monolithic Systems AMS431L Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
AMS431L
Monolithic
1.2V SHUNT REGULATOR
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Trimmed 0.5% Tolerance
• Battery Powered Systems
• Wide Operating Current Range 60µA to 100mA
• Switching Power Supplies
• Low Reference Input Current 0.4µA
• Adjustable Power Supplies
• Low Dynamic Output Impedance
• Telecommunications
• Low Output Noise
• Error Amplifiers
• Nominal Temperature Range to 85°C
• Notebook/Personal Computer
• Temperature-Compensated: 60ppm/°C
• Monitors/ VCR/ TV
• Pagers
GENERAL DESCRIPTION
The AMS431L is a three-terminal adjustable shunt regulator with guaranteed temperature stability over the entire range of
operation. The output voltage can be set to any value between 1.24V (VREF) and 20V by adding two external resistors. The
AMS431L features 0.5% initial tolerance, low dynamic output impedance and operates over a wide current range. Due to the
sharp turn-on characteristics this device is an excellent replacement for zener diodes in many applications.
AMS431 is available in TO-92, SOT-89, 3 pin SOT-23 and 5 pin SOT-23 packages.
ORDERING INFORMATION:
TOL.
PACKAGE TYPE
OPERATING
TO-92
SOT-89
3 LEAD SOT-23
5 LEAD SOT-23
TEMP. RANGE
±0.5%
AMS431LAN
AMS431LAL
AMS431LAM
AMS431LAM1
-40 to +85
° C
±1.0%
AMS431LBN
AMS431LBL
AMS431LBM
AMS431LBM1
-40 to +85
° C
±2.0%
AMS431LCN
AMS431LCL
AMS431LCM
AMS431LCM1
-40 to +85
° C
PIN CONNECTIONS
TO-92
SOT-89
3L SOT-23
5L SOT-23
Plastic Package (N)
(L)
(M)
(M1)
12
3
REF
ANODE
CATHODE
12
3
CATHODE
ANODE
REF
CATHODE
REF
ANODE
N/C
ANODE
CATHODE
REFERENCE
N/C
1
2
5
3
4
Bottom View
Top View
Top View
Top View


Similar Part No. - AMS431L

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS431L ADMOS-AMS431L Datasheet
64Kb / 7P
1.2V SHUNT REGULATOR
logo
Advanced Monolithic Sys...
AMS431L AMS-AMS431L Datasheet
133Kb / 7P
1.2V SHUNT REGULATOR
logo
Advanced Monolithic Sys...
AMS431LA ADMOS-AMS431LA Datasheet
64Kb / 7P
1.2V SHUNT REGULATOR
AMS431LAL ADMOS-AMS431LAL Datasheet
64Kb / 7P
1.2V SHUNT REGULATOR
logo
Advanced Monolithic Sys...
AMS431LAL AMS-AMS431LAL Datasheet
133Kb / 7P
1.2V SHUNT REGULATOR
More results

Similar Description - AMS431L

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS431L ADMOS-AMS431L Datasheet
64Kb / 7P
1.2V SHUNT REGULATOR
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
Shunt Regulator
logo
Renesas Technology Corp
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
Shunt Regulator
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
Shunt Regulator
logo
Advanced Monolithic Sys...
AMS431L AMS-AMS431L Datasheet
133Kb / 7P
1.2V SHUNT REGULATOR
logo
Renesas Technology Corp
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
Shunt Regulator
logo
Global Mixed-mode Techn...
G912 GMT-G912 Datasheet
38Kb / 1P
1.2V 1A Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com