Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR3AM Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # BCR3AM
Description  Triac 3 Amperes/400-600 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR3AM Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  BCR3AM Datasheet HTML 1Page - Powerex Power Semiconductors BCR3AM Datasheet HTML 2Page - Powerex Power Semiconductors BCR3AM Datasheet HTML 3Page - Powerex Power Semiconductors BCR3AM Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
BCR3AM
Triac
3 Amperes/400-600 Volts
0.6
1.4
2.2
3.0
3.8
MAXIMUM ON-STATE
CHARACTERISTICS
INSTANTANEOUS ON-STATE CURRENT, IT, (AMPERES)
10-1
100
101
102
Tj = 25
oC
0
10
20
30
40
MAXIMUM SURGE CURRENT
FOLLOWING RATED LOAD CONDITIONS
CYCLES AT 60 Hz
100
101
102
30
40
50
60
70
80
90
100
110
120
130
ALLOWABLE CASE TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT, IT(RMS), (AMPERES)
0
1.0
0.5
1.5
2.5
2.0
3.0
4.0
3.5
FOR AC CONTROL
THIS GRAPH NEARLY
APPLIES REGARDLESS
OF THE CONDUCTION
ANGLE
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
0
20
40
60
80
100
120
140
160
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT, IT(RMS), (AMPERES)
0
0.4
0.2
0.6
1.0
0.8
1.2
1.6
1.4
NATURAL CONVECTION, NO FIN
CURVES APPLY REGARDLESS
OF THE CONDUCTION ANGLE
RESISTIVE, INDUCTIVE LOADS
0
0.5
1.0
1.5
2.0
2.5
3.5
4.0
5.0
MAXIMUM ON-STATE
POWER DISSIPATION
RMS ON-STATE CURRENT, IT(RMS), (AMPERES)
0
1.0
0.5
1.5
2.5
2.0
3.0
4.0
3.5
360
°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
GATE TRIGGER CURRENT
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-60
-20
20
60
100
140
-40
0
40
80
120
101
102
103
IFGT I
IRGT III
IRGT I
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION-TO-CASE, JUNCTION-TO-AMBIENT)
CYCLES AT 60 Hz
10-1
100
103
102
101
102
10-1
102
101
100
JUNCTION-TO-AMBIENT
JUNCTION-
TO-CASE
30
40
50
60
70
80
90
100
110
120
130
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT, IT(RMS), (AMPERES)
0
1.0
0.5
1.5
2.5
2.0
3.0
4.0
3.5
RESISTIVE,
INDUCTIVE LOADS
50 x 50 x t 1.2
30 x 30 x t 1.2
FIN: A PLATE PAINTED BLACK
WITH GREASE
CURVES APPLY REGARDLESS
OF THE CONDUCTION ANGLE
10-1
102
101
100
GATE CHARACTERISTICS
(I, II, III)
GATE CURRENT, IG, (mA)
101
100
102
103
VGT
IGM = 0.5A
PGM = 3W
PG(avg) = 0.3W
IRGT I,
IFGT I,
IRGT III
VGD = 0.2V
360
°
T-7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com