Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR3AM Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # BCR3AM
Description  Triac 3 Amperes/400-600 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR3AM Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  BCR3AM Datasheet HTML 1Page - Powerex Power Semiconductors BCR3AM Datasheet HTML 2Page - Powerex Power Semiconductors BCR3AM Datasheet HTML 3Page - Powerex Power Semiconductors BCR3AM Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions
Inches
Millimeters
H
0.126 ± 0.004 Dia. 3.2 ± 0.1 Dia.
J
0.10
2.5
K
0.061
1.55
L
0.059 Max.
1.5 Max.
M
0.047
1.2
N
0.035
0.8
P
0.02
0.5
Dimensions
Inches
Millimeters
A
0.93 ± 0.02
23.7 ± 0.5
B
0.47 Min.
12.0 Min.
C
0.39 Max.
10.0 Max.
D
0.31 Max.
8.0 Max.
E
0.18
4.5
F
0.16 Max.
4.0 Max.
G
0.126 ± 0.008
3.2 ± 0.2
Description:
A triac is a solid state silicon
AC switch which may be gate
triggered from an off-state to an
on-state for either polarity of
applied voltage.
Features:
□ Glass Passivation
Applications:
□ AC Switch
□ Motor Controls
□ Lighting
□ Solid State Relay
Ordering Information:
Example: Select the complete
seven or eight digit part number
you desire from the table - i.e.
BCR3AM-8 is a 400 Volt,
3 Ampere Triac.
VDRM
Type
Volts
Code
BCR3AM
400
-8
600
-12
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
Triac
3 Amperes/400-600 Volts
BCR3AM
Outline Drawing (Conforms to TO-202)
T-5
C
C
D
H - DIA.
E
K
J
N
N
M
L
J
B
A
F
G

P
P
Œ Ž

Œ T1 TERMINAL
 T2 TERMINAL
Ž GATE TERMINAL
 T2 TERMINAL
OUTLINE DRAWING
CONNECTION DIAGRAM
Ž
Œ



Similar Part No. - BCR3AM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3AM-14B RENESAS-BCR3AM-14B Datasheet
386Kb / 9P
700V - 3A - Triac Low Power Use
Feb. 22, 2022
BCR3AM-14B-A6B00 RENESAS-BCR3AM-14B-A6B00 Datasheet
386Kb / 9P
700V - 3A - Triac Low Power Use
Feb. 22, 2022
BCR3AM-14B-A6BD0 RENESAS-BCR3AM-14B-A6BD0 Datasheet
386Kb / 9P
700V - 3A - Triac Low Power Use
Feb. 22, 2022
BCR3AM-14BB00 RENESAS-BCR3AM-14BB00 Datasheet
386Kb / 9P
700V - 3A - Triac Low Power Use
Feb. 22, 2022
BCR3AM-14BBD0 RENESAS-BCR3AM-14BBD0 Datasheet
386Kb / 9P
700V - 3A - Triac Low Power Use
Feb. 22, 2022
More results

Similar Description - BCR3AM

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR10CM POWEREX-BCR10CM Datasheet
80Kb / 6P
Triac 10 Amperes/400-600 Volts
BCR10PM POWEREX-BCR10PM Datasheet
82Kb / 6P
Isolated Triac 10 Amperes/400-600 Volts
BCR12CM POWEREX-BCR12CM Datasheet
80Kb / 6P
Triac 12 Amperes/400-600 Volts
BCR12PM POWEREX-BCR12PM Datasheet
84Kb / 6P
Isolated Triac 12 Amperes/400-600 Volts
BCR16CM POWEREX-BCR16CM Datasheet
81Kb / 6P
Triac 16 Amperes/400-600 Volts
BCR16PM POWEREX-BCR16PM Datasheet
73Kb / 4P
Isolated Triac 16 Amperes/400-600 Volts
BCR5AM POWEREX-BCR5AM Datasheet
80Kb / 6P
Triac 5 Amperes/400-600 Volts
BCR6AM POWEREX-BCR6AM Datasheet
79Kb / 6P
Triac 6 Amperes/400-600 Volts
BCR8CM POWEREX-BCR8CM Datasheet
79Kb / 6P
Triac 8 Amperes/400-600 Volts
BCR8PM POWEREX-BCR8PM Datasheet
83Kb / 6P
Triac 8 Amperes/400-600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com