Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH3003IMLTR Datasheet(PDF) 13 Page - Semtech Corporation

Part # SH3003IMLTR
Description  MicroBuddy짰 Support IC for Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3003IMLTR Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SH3003IMLTR Datasheet HTML 9Page - Semtech Corporation SH3003IMLTR Datasheet HTML 10Page - Semtech Corporation SH3003IMLTR Datasheet HTML 11Page - Semtech Corporation SH3003IMLTR Datasheet HTML 12Page - Semtech Corporation SH3003IMLTR Datasheet HTML 13Page - Semtech Corporation SH3003IMLTR Datasheet HTML 14Page - Semtech Corporation SH3003IMLTR Datasheet HTML 15Page - Semtech Corporation SH3003IMLTR Datasheet HTML 16Page - Semtech Corporation SH3003IMLTR Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
©2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
13
SH3003
POWER MANAGEMENT
Application Information (continued)
Clock Management System
The SH3003 provides a flexible tool for creating and man-
aging clocks, a versatile and accurate “any frequency”
clock synthesizer (see Figure 4). It is capable of generat-
ing any frequency in the range of 62.5kHz to 16.0MHz,
with worst-case resolution of 0.0256% (256ppm). The in-
ternal 32.768kHz clock can also be routed to the CLKOUT
pin (and HF oscillator stopped for energy savings).
The objectives, features, and behavior of the Clock Man-
agement System are aimed towards the systems that
utilize a microcontroller, a microprocessor, a DSP or an
ASIC.
The SH3003 permits the automatic sensing of the inten-
tions of the host processor, an industry first. The SH3003
shuts down its clock output when it senses that the host
processor issued a STOP instruction.
Subsequently, the SH3003 idles, consuming less than
10μA. As soon as the host exits the STOP mode, the
SH3003 instantaneously starts to supply a stable clock
(< 2μs wake-up). A typical system, constructed with a ce-
ramic resonator or a crystal as the frequency determining
element, must wait at least several hundred microsec-
onds (for a resonator), or as much as 100ms or more (for
a HF crystal), to re-start the oscillator. The SH3003 allows
the response to and service of an event to finish with a
speed previously unattainable for a simple microproces-
sor. A system with a traditional clock approach may be as
much as 100x – 10,000x slower.
Clock Generator Operation
The frequency synthesizer in the SH3003 is constructed
from the 2:1 tunable 8.0 –16.0 MHz HF oscillator followed
by a programmable “power-of-two” post-divider (see Fig-
ure 4).
The Clock Source selector and the programmable post-
scale divider allow instantaneous switching between the
32.768kHz internal clock and divided-down HF oscillator
output. There is no settling or instability when the switch
occurs. This is a preferred method for clock control in
computing systems, when the large ratio between high
and low frequency of operations allows for correspond-
ingly large and instantaneous savings in power consump-
tion.
Post-scaler
(Divide by 1, 2, 4,
8, 16, 32, 64, 128)
Figure 4. Simplified HF Oscillator System
32.768 kHz
START/STOP
16
15
CLKOUT
CLKIN
Clock Buffer
and Glue
Logic
HF Digitally
Controlled
Oscillator
8-16 MHz
18-bit
DCO Code
Register
Clock On
Force
DCO On
Clock Source
1
0
Spectrum
Spreading
Controls
Frequency Locked Loop
Logic
13-bit
Frequency
Set value
16
2048 Hz
8-bit Pseudo
Random Noise
Generator
FLL On
From / To
Serial I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com