Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH3003IMLTR Datasheet(PDF) 3 Page - Semtech Corporation

Part # SH3003IMLTR
Description  MicroBuddy짰 Support IC for Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3003IMLTR Datasheet(HTML) 3 Page - Semtech Corporation

  SH3003IMLTR Datasheet HTML 1Page - Semtech Corporation SH3003IMLTR Datasheet HTML 2Page - Semtech Corporation SH3003IMLTR Datasheet HTML 3Page - Semtech Corporation SH3003IMLTR Datasheet HTML 4Page - Semtech Corporation SH3003IMLTR Datasheet HTML 5Page - Semtech Corporation SH3003IMLTR Datasheet HTML 6Page - Semtech Corporation SH3003IMLTR Datasheet HTML 7Page - Semtech Corporation SH3003IMLTR Datasheet HTML 8Page - Semtech Corporation SH3003IMLTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
©2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
3
SH3003
POWER MANAGEMENT
Parameter
Symbol
Min
Max
Units
Supply voltages on VDD or VBAK relative to ground
V
DD
-0.5
5.5
V
Input voltage on CLKIN, IO/INT, TEST
V
IN1
-0.5
VDD + 0.5
V
Input voltage on CLKSEL
V
IN2
-0.5
VREG + 0.5
V
Input current on any pin except VREG
I
IN110
mA
Input current on VREG
I
IN2
150
mA
Ambient operating temperature
T
OP
-40
85
ºC
Storage Temperature
T
STG
-55
60
ºC
IR Reflow temperature - SH3003IMLTR
T
IRRT
240
ºC
IR Reflow temperature - SH3003IMLTRT
T
IRRT
260
ºC
Parameter
Symbol
Min
Typ
Max
Units
Notes
Case temperature
T
OP
–40
+85
ºC
Supply voltage
V
DD
2.3
5.5
V
Supply current, CLKOUT = 16 MHz(1)
I
DD
3mA
Supply current, CLKOUT = 8 MHz (1)
I
DD
1.8
mA
Supply current, CLKOUT = 2 MHz(1)
I
DD
0.9
mA
Standby current, 32.768kHz crystal(2)
I
SB
8
μA
CLK32 disabled
Standby current, 32.768kHz
RC oscillator(2)
I
SB
10
μA
CLK32 disabled
Backup supply voltage(2)
V
BAK
2.3
5.5
V
Backup current, 32.768kHz crystal(2)
I
BUP
2
μA
CLK32 disabled
Backup current, 32.768kHz
RC oscillator(2)
I
BUP
8
μA
CLK32 disabled
Backup standby current(2)
I
BSB
50
nA
VDD > VBO
Notes:
1) Assuming load on CLKOUT < 20pf
2) Assuming temperature < 60ºC
Electrical Characteristics
Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com