Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-15VF-R1-V Datasheet(PDF) 1 Page - Eravant

Part # SWC-15VF-R1-V
Description  V-Band Waveguide to 1.85mm Connector Adapter, Right Angle, Thermal Vacuum Safe
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-15VF-R1-V Datasheet(HTML) 1 Page - Eravant

  SWC-15VF-R1-V Datasheet HTML 1Page - Eravant SWC-15VF-R1-V Datasheet HTML 2Page - Eravant SWC-15VF-R1-V Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-15VF-R1-V and SWC-15VM-R1-V
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Final Rev 1.3
V-Band Waveguide to 1.85mm Connector Adapter, Right
Angle, Thermal Vacuum Safe
SWC-15VF-R1-V and SWC-15VM-R1-V are right angle (90°) V-Band
waveguide to coax adapters that cover the frequency range of 50 to 70
GHz. They are designed and manufactured for instrumentation grade
quality and thermal vacuum compatibility, allowing for an efficient
transition between the rectangular waveguide and 1.85 mm (V) coax
connector.
Electrical Specifications:
*The adapter can cover up to 75 GHz with slight performance degradation due to the frequency limitations of the
1.85 mm (V) coaxial connector.
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
50 GHz
70 GHz*
Insertion Loss
0.7 dB
1 dB
Return Loss
13 dB
16 dB
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Waveguide
WR-15 with UG-385/U Anti-Cocking Flange
Coaxial
1.85 mm (V) Female for M/N: SWC-15VF-R1-V
1.85 mm (V) Male for M/N: SWC-15VM-R1-V
Housing Material
Aluminum
Finish
Gold Plated
Weight
0.4 Oz
Outline
WC-VR-A
ECCN
EAR99
FEATURES
•
Thermal Vacuum Safe
•
Broad Band Coverage
•
Lower Insertion Loss and
VSWR
•
Instrumentation Grade
•
DC Open Circuit
APPLICATIONS
•
Thermal Vacuum Chamber
•
Test Lab
•
Instrumentations
•
Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SWC-15VF-R1-V

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-15VF-R1-1.0 ERAVANT-SWC-15VF-R1-1.0 Datasheet
324Kb / 3P
V-Band Waveguide to 1.85 mm Connector Adapter, Right Angle
Rev 1.0
SWC-15VF-R1-WR ERAVANT-SWC-15VF-R1-WR Datasheet
397Kb / 2P
V-Band Waveguide to Coax Panel Mount Adapter, Right Angle
Rev. 1.1
More results

Similar Description - SWC-15VF-R1-V

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
Waveguide to Coaxial Adapter
logo
Pasternack Enterprises,...
PE9716 PASTERNACK-PE9716 Datasheet
84Kb / 1P
1.85mm MALE TO 1.85mm MALE PRECISION ADAPTER
PE9717 PASTERNACK-PE9717 Datasheet
245Kb / 3P
Precision 1.85mm Female to 1.85mm Female Adapter
logo
List of Unclassifed Man...
V206 ETC2-V206 Datasheet
93Kb / 1P
1.85MM MALE STRAIGHT TO 1.85MM MALE ADAPTER
logo
Pasternack Enterprises,...
PE91115 PASTERNACK-PE91115 Datasheet
214Kb / 3P
Precision 1.85mm Female to 1.85mm Female Adapter
PE-W15CA002 PASTERNACK-PE-W15CA002 Datasheet
443Kb / 4P
WR-15 With UG-385 - U Flange to 1.85mm Male Waveguide to Coax Adapter Operating From 50 GHz to 65 GHz V Band
PE91512 PASTERNACK-PE91512 Datasheet
499Kb / 3P
1.85mm Female to 2.92mm Male Miter Right Angle Adapter
REV 1.0
PE91513 PASTERNACK-PE91513 Datasheet
496Kb / 3P
1.85mm Female to 2.92mm Female Miter Right Angle Adapter
REV 1.0
PE91518 PASTERNACK-PE91518 Datasheet
499Kb / 3P
1.85mm Male to 2.4mm Male Miter Right Angle Adapter
REV 1.0
PE91519 PASTERNACK-PE91519 Datasheet
499Kb / 3P
1.85mm Male to 2.92mm Male Miter Right Angle Adapter
REV 1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com