Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-51KM-R1-V Datasheet(PDF) 1 Page - Eravant

Part # SWC-51KM-R1-V
Description  WR-51 Band Waveguide to 2.92mm Connector Adapter, Right Angle, Thermal Vacuum Safe
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-51KM-R1-V Datasheet(HTML) 1 Page - Eravant

  SWC-51KM-R1-V Datasheet HTML 1Page - Eravant SWC-51KM-R1-V Datasheet HTML 2Page - Eravant SWC-51KM-R1-V Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-51KF-R1-V and SWC-51KM-R1-V
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Final Rev 1.1
WR-51 Band Waveguide to 2.92mm Connector Adapter,
Right Angle, Thermal Vacuum Safe
SWC-51KF-R1-V and SWC-51KM-R1-V are right angle (90°) WR-51
band waveguide to coax adapters that cover the frequency range of 15 to
22 GHz. They are designed and manufactured for instrumentation grade
quality and thermal vacuum compatibility, allowing for an efficient
transition between the rectangular waveguide and 2.92 mm (K) coax
connector.
Electrical Specifications:
*Insertion loss is tested back to back with male and female adapter, the result is divided by 2.
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
15 GHz
22 GHz
Insertion Loss*
0.16 dB
Return Loss
22 dB
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Waveguide
WR-51 Waveguide with Standard Flange
Coaxial Port
2.92 mm (K) Female for Model Number: SWC-51KF-R1-V
Coaxial Port
2.92 mm (K) Male for Model Number: SWC-51KM-R1-V
Material
Aluminum
Finish
Gold Plated
Weight
0.9 Oz
Outline
WC-5R
ECCN
EAR99
FEATURES
•
Thermal Vacuum Safe
•
Full Waveguide Band Coverage
•
Lower Insertion Loss and
VSWR
•
Instrumentation Grade
• DC Open Circuit
APPLICATIONS
•
Thermal Vacuum Chamber
•
Test Lab
•
Instrumentations
• Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SWC-51KM-R1-V

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-51KM-R1 ERAVANT-SWC-51KM-R1 Datasheet
265Kb / 3P
WR-51 Band Waveguide to 2.92mm Connector Adapter, Right Angle
Rev 1.0
More results

Similar Description - SWC-51KM-R1-V

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9813 PASTERNACK-PE9813 Datasheet
261Kb / 2P
WR-42 to 2.92mm Male Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9828 PASTERNACK-PE9828 Datasheet
269Kb / 2P
WR-51 to SMA Female Waveguide to Coax Adapter 15 GHz to 22 GHz
PE9644 PASTERNACK-PE9644 Datasheet
249Kb / 3P
Precision 2.92mm Male to 2.92mm Female Right Angle Adapter
PE9646 PASTERNACK-PE9646 Datasheet
250Kb / 3P
Precision 2.92mm Female to 2.92mm Female Right Angle Adapter
PE-W51SF005-12 PASTERNACK-PE-W51SF005-12_V01 Datasheet
547Kb / 4P
WR-51 Seamless Flexible Waveguide
PE-W51SF005-24 PASTERNACK-PE-W51SF005-24_V01 Datasheet
548Kb / 4P
WR-51 Seamless Flexible Waveguide
PE-W51SF005-36 PASTERNACK-PE-W51SF005-36_V01 Datasheet
549Kb / 4P
WR-51 Seamless Flexible Waveguide
PE-W51TF005-12 PASTERNACK-PE-W51TF005-12_V01 Datasheet
551Kb / 4P
WR-51 Twistable Flexible Waveguide
PE-W51TF005-24 PASTERNACK-PE-W51TF005-24_V01 Datasheet
550Kb / 4P
WR-51 Twistable Flexible Waveguide
PE-W51TF005-36 PASTERNACK-PE-W51TF005-36_V01 Datasheet
552Kb / 4P
WR-51 Twistable Flexible Waveguide
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com