Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4510 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC4510
Description  High Performance Synchronous Buck Controller With Reference Tracking
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4510 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC4510 Datasheet HTML 8Page - Semtech Corporation SC4510 Datasheet HTML 9Page - Semtech Corporation SC4510 Datasheet HTML 10Page - Semtech Corporation SC4510 Datasheet HTML 11Page - Semtech Corporation SC4510 Datasheet HTML 12Page - Semtech Corporation SC4510 Datasheet HTML 13Page - Semtech Corporation SC4510 Datasheet HTML 14Page - Semtech Corporation SC4510 Datasheet HTML 15Page - Semtech Corporation SC4510 Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
© 2004 Semtech Corp.
www.semtech.com
SC4510
POWER MANAGEMENT
In the application circuit, R
eq=5.6 mΩ. However the peak
value of the sensed current is not exact for a number of
reasons. Though the Phase Node PH and Virtual Phase
Node VPN voltages are assumed to be identical, there will
be some offset between them which adds to the average
value of the current feedback signal. This is particularly
true during the switching transitions where rise and fall
times of the true Phase Node are dependent on the power
MOSFET characteristics. The peak value of the signal also
includes the ripple current
∆ I
o riding on the output DC
current. In addition, the signal level is subject to variations
with respect to input and PVCC voltages. The difference
between sensed current magnitude and the actual current
gets more pronounced for low output voltages where the
operating duty is also low.
Given these differences, some amount of scaling the
current sense signal is required to adjust the current limit
in most applications. This can be accomplished easily by
simple resistor networks and the possible configurations
are shown in Fig.3.
a) When the required current limit value I
LM is greater than
I
LMcp, remove Rs3 and solve for for R
s2 = Rseq and
R
seq is the parallel combination of Rs and Rs1 as shown in
Fig 3). R
s2 helps to reduce the offset at the input of current
sense amplifier inside SC4510.
Q1
Q2
Cin
Cout
RL
Rload
Rs
Vin
Vo
Cs
vC(t)
L
iL(t)
Q3
Q4
Vgs2
Vgs1
VPN
Vbe4
Vbe3
PN
-
+
ISEN
1
2
Rs3
Rs2
Rs1
eq
s
seq
R
L
C
R
=
In peak current mode control as in SC4510, the voltage
ripple on C
s is critical for PWM operation. In fact, the peak-
to-peak value of the voltage ripple across V
Cs (denoted as
∆V
Cs) directly affects the signal-to-noise ratio of the PWM
operation. In general, smaller
∆V
Cs leads to small signal-to-
noise ratio and more noise sensitive operation. Larger
∆V
Cs
leads to more circuit (power stage) parameter sensitive
operation. A good engineering compromise is to make
∆V
Cs~Req∆ Io.
Where
∆I
o is the peak to peak ripple current in the inductor.
The prerequisite for such relation is the so called time
constant matching condition
When Rds1 = Rds2, the above approximations become
precise equalities. For the example in the Application Circuit
shown on p9 the inductor value is 1 uH,
RL= 1.4 m
Ω , Rds1 = 11 mΩ and Rds2 = 3 mΩ
Since the operating duty ratio is very small the effective
Rds is determined mostly by Rds2. The time constant R
sCs
should be set close to 0.2 mS. Since the effective value of
R
s is 20 kΩ // 18 kΩ = 9.5 kΩ,
C
s= 22 nF was chosen .
CURRENT LIMIT SCALING
In SC4510, the current limiting is performed on cycle-by-
cycle basis. When the voltage difference between CS+ and
CS- exceeds 65 mV, the top MOSFET duty ratio is clipped
in order to limit the output source current. Similarly, when
the voltage difference between CS- and CS+ exceeds 113
mV, the bottom MOSFET duty ratio is clipped in order to
limit the sink current. For the configuration in Fig.1, the
convertor output current limit is set around
for the current sourcing mode and
for the current sinking mode.
Application Information (Contd.)
.
s
s
eq
C
R
R
L
≈
,
75
eq
LMcp
R
mV
I
=
eq
LMcn
R
mV
I
110
−
=
Fig.3 Current limit scaling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com