Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4510 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4510
Description  High Performance Synchronous Buck Controller With Reference Tracking
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4510 Datasheet(HTML) 2 Page - Semtech Corporation

  SC4510 Datasheet HTML 1Page - Semtech Corporation SC4510 Datasheet HTML 2Page - Semtech Corporation SC4510 Datasheet HTML 3Page - Semtech Corporation SC4510 Datasheet HTML 4Page - Semtech Corporation SC4510 Datasheet HTML 5Page - Semtech Corporation SC4510 Datasheet HTML 6Page - Semtech Corporation SC4510 Datasheet HTML 7Page - Semtech Corporation SC4510 Datasheet HTML 8Page - Semtech Corporation SC4510 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
© 2004 Semtech Corp.
www.semtech.com
SC4510
POWER MANAGEMENT
Absolute Maximum Ratings
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supply
Operating Current
No load on GDL and GDH
8
12
mA
Analog Supply Input
AVCC
VIN > 2.5V
4.75
16
V
Drive Supply Input
PVCC
VIN > 2.5V
4.75
16
V
Convertor Power Input
VIN
2.5
16
V
Undervoltage Lockout
Start Threshold
AVCC
MIN
4.2
4.5
4.7
V
UVLO Hysteresis
AVCC
HYST
0.2
V
Soft Start and Shudown
Charge Current
I
SSCHG
2
µA
Discharge Current
I
SSDIS
1
µA
Output Enable Threshold
V
ENTH
2.0
V
Shutdown Threshold
V
SSTH
0.6
V
Parameter
Symbol
Maximum
Units
BST, GDH to PGND
-0.3 to 32 (steady state)
V
-0.3 to 40
(for < 10ns @ freq. < 500kHz)
PVCC, AVCC, VIN, VPN, GDL to PGND
-0.3 to 16
V
PGND to AGND
±0.3
V
CS+ to AGND
-0.3 to AVCC
V
COMP, IN-, REFIN, REFOUT, ROSC, SS/EN to AGND
-0.3 to 6
V
REFIN and REFOUT to AGND
0 to 3.0
V
GDH Source or Sink Current
+ 0.75
A
GDL Source or Sink Current
+ 1
A
Storage Temperature Range
-60 to +150
°C
Junction Temperature
-40 to +125
°C
Lead Temperature ( Soldering ) 10 Sec.
260
°C
ESD Rating ( Human Body Model )
2
kV
Unless specified: T
A = TJ = -40°C to +85°C, AVCC/PVCC = 12V, Fosc = 300 kHz, SS/EN = 5V
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in
the Electrical Characteristics section is not implied. Exposure to Absolute Maximum rated conditions for extended periods of time may affect device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com