Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDQT5V0ESPC-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDQT5V0ESPC-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQT5V0ESPC-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDQT5V0ESPC-HF Datasheet HTML 1Page - Comchip Technology CPDQT5V0ESPC-HF Datasheet HTML 2Page - Comchip Technology CPDQT5V0ESPC-HF Datasheet HTML 3Page - Comchip Technology CPDQT5V0ESPC-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Rating and Characteristic Curves (CPDQT5V0ESPC-HF)
SMD ESD Protection Diode
Page 2
Comchip Technology CO., LTD.
0
0.3
0.4
0.5
Fig.2 - Junction Capacitance
Voltage, (V)
Fig.1 - TLP Chart
0
Clamping Voltage, (V)
0
2
3
4
6
1
0.2
0.1
8
16
26
0
Fig.3 - Clamping Voltage vs
Peak Pulse Current
0
Surge Current, (A, 8/20µs)
2
3
4
5
1
4
6
8
16
18
20
10
14
12
5
QW-JP109
6
14
22
4
12
20
2
10
18
24
2
4
6
8
10
12
14
16
18
REV:B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com