Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDQT5V0ESPC-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDQT5V0ESPC-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQT5V0ESPC-HF Datasheet(HTML) 1 Page - Comchip Technology

  CPDQT5V0ESPC-HF Datasheet HTML 1Page - Comchip Technology CPDQT5V0ESPC-HF Datasheet HTML 2Page - Comchip Technology CPDQT5V0ESPC-HF Datasheet HTML 3Page - Comchip Technology CPDQT5V0ESPC-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPDQT5V0ESPC-HF
Page 1
Comchip Technology CO., LTD.
RoHS Device
Halogen Free
SMD ESD Protection Diode
Dimensions in inches and (millimeter)
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
Mechanical data
- Case: DFN1006-2L standard package,
molded plastic.
- Mounting position: Any.
QW-JP109
REV:B
Features
- Low capacitance: 0.2pF (typ.).
- Reverse standoff voltage: 5V
- IEC 61000-4-2 (ESD air): ±24kV
IEC 61000-4-2 (ESD contact): ±22kV
IEC 61000-4-5 (Surge): 4A(8/20µs)
DFN1006-2L
Circuit Diagram
Maximum Rating (at TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
Conditions
°C
Storage temperature range
TSTG
°C
kV
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
VESD
TJ
Peak pulse power
PPP
W
A
TP = 8/20µs
IPP
Peak pulse current
Electrostatic discharge voltage
Operating junction temperature range
85
4
-40 to +125
-55 to +150
±22
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
V
VRWM
Reverse standoff voltage
5
VBR
V
IR = 1mA
nA
V
Breakdown voltage
10
Ω
Reverse leakage current
IR
VRWM = 5V
100
Surge clamping voltage (8/20µs)
IPP = 4A
Dynamic resistance
VC
RDYN
tp = 10/100ns
20
0.92
6.8
8
10.8
IPP = 1A
VC
IEC 61000-4-5, TP = 8/20µs
pF
Junction capacitance
CJ
VR = 0V, f = 1MHz
0.2
0.28
±24
0.022(0.55)
0.018(0.45)
0.022(0.55)
0.018(0.45)
0.026(0.65)
0.012(0.30)
0.008(0.20)
BSC
0.007(0.17)
0.003(0.07)
0.007(0.17)
0.003(0.07)


Similar Part No. - CPDQT5V0ESPC-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQT5V0-HF COMCHIP-CPDQT5V0-HF Datasheet
556Kb / 3P
Low Profile SMD ESD Protection Diode
CPDQT5V0-HF COMCHIP-CPDQT5V0-HF Datasheet
556Kb / 3P
Low Profile SMD ESD Protection Diode
logo
Shanghai Leiditech Elec...
CPDQT5V0-HF LEIDITECH-CPDQT5V0-HF Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
Comchip Technology
CPDQT5V0-HF COMCHIP-CPDQT5V0-HF_15 Datasheet
556Kb / 3P
Low Profile SMD ESD Protection Diode
CPDQT5V0AHE-HF COMCHIP-CPDQT5V0AHE-HF Datasheet
478Kb / 4P
SMD ESD Protection Diode
REV:A
More results

Similar Description - CPDQT5V0ESPC-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com