Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDQT5V0-HF Datasheet (PDF) - Comchip Technology

CPDQT5V0-HF Datasheet PDF - Comchip Technology
Part # CPDQT5V0-HF
Download  CPDQT5V0-HF Download
File Size   556.26 Kbytes
Page   3 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Low Profile SMD ESD Protection Diode

CPDQT5V0-HF Datasheet (PDF)

Go To PDF Page Download Datasheet
CPDQT5V0-HF Datasheet PDF - Comchip Technology

Part # CPDQT5V0-HF
Download  CPDQT5V0-HF Click to download

File Size   556.26 Kbytes
Page   3 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Low Profile SMD ESD Protection Diode

CPDQT5V0-HF Datasheet (HTML) - Comchip Technology


CPDQT5V0-HF Product details

RoHS Device
Halogen Free

Features
- IEC61000-4-2 Level 4 ESD protection.
- ESD Rating of Class 3 per Human Body Mode.
- Peak Power up to 150 Watts @ 8x20µs Pulse.
- Low Leakage current.
- Response Time is Typically <1ns
- Working Voltage: 5V

Mechanical data
- Case: 0402/SOD-882 small outline plastic package.
- Terminals: Matte tin plated, solderable per MIL-STD-750, method 2026.
- Mounting position: Any.
- High temperature soldering guaranteed: 260°C/10 second.
- Weight: 0.001 grams(approx.).




Similar Part No. - CPDQT5V0-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQT5V0-HF COMCHIP-CPDQT5V0-HF Datasheet
556Kb / 3P
Low Profile SMD ESD Protection Diode
logo
Shanghai Leiditech Elec...
CPDQT5V0-HF LEIDITECH-CPDQT5V0-HF Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
Comchip Technology
CPDQT5V0-HF COMCHIP-CPDQT5V0-HF_15 Datasheet
556Kb / 3P
Low Profile SMD ESD Protection Diode
More results


Similar Description - CPDQT5V0-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDURT5V0C-HF COMCHIP-CPDURT5V0C-HF Datasheet
91Kb / 4P
Low Profile SMD ESD Protection Diode
CPDURT5V0H-HF COMCHIP-CPDURT5V0H-HF Datasheet
106Kb / 4P
Low Profile SMD ESD Protection Diode
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF Datasheet
318Kb / 4P
Low Capacitance ESD SMD Protection Diode
CPDURT05V0C-HF COMCHIP-CPDURT05V0C-HF Datasheet
91Kb / 4P
Low Profile SMD ESD Protection Diode
CPDV3V0SP-HF COMCHIP-CPDV3V0SP-HF Datasheet
294Kb / 5P
Low Capacitance SMD ESD Protection Diode
CPDQT5V0-HF COMCHIP-CPDQT5V0-HF Datasheet
556Kb / 3P
Low Profile SMD ESD Protection Diode
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF Datasheet
318Kb / 4P
Low Capacitance ESD SMD Protection Diode
CPDURT05V0C-HF COMCHIP-CPDURT05V0C-HF Datasheet
91Kb / 4P
Low Profile SMD ESD Protection Diode
CPDQT5V0-HF COMCHIP-CPDQT5V0-HF_15 Datasheet
556Kb / 3P
Low Profile SMD ESD Protection Diode
CPDURT05V0C-HF COMCHIP-CPDURT05V0C-HF_15 Datasheet
91Kb / 4P
Low Profile SMD ESD Protection Diode
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com