Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDURT5V0H-HF Datasheet (PDF) - Comchip Technology

CPDURT5V0H-HF Datasheet PDF - Comchip Technology
Part # CPDURT5V0H-HF
Download  CPDURT5V0H-HF Download
File Size   106.37 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Low Profile SMD ESD Protection Diode

CPDURT5V0H-HF Datasheet (PDF)

Go To PDF Page Download Datasheet
CPDURT5V0H-HF Datasheet PDF - Comchip Technology

Part # CPDURT5V0H-HF
Download  CPDURT5V0H-HF Click to download

File Size   106.37 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Low Profile SMD ESD Protection Diode

CPDURT5V0H-HF Datasheet (HTML) - Comchip Technology


CPDURT5V0H-HF Product details

RoHS Device
Halogen Free

Features
- Bi-directional ESD protection
- IEC 61000-4-5 (surge) ; IPP=7A
- IEC 61000-4-2 (ESD) ; ±30KV(contact)
- Low profile package is 30% thinner than standards 0603
- Low clamping voltage
- Low leakage current

Mechanical data
- Case: 0603/SOD-523F standard package, molded plastic.
- Terminals: Gold plated, solderable per MIL-STD-750,method 2026.
- Marking code: E05
- Mounting Position: Any
- Weight: 0.0019 grams approx.




Similar Part No. - CPDURT5V0H-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDURT5V0C-HF COMCHIP-CPDURT5V0C-HF Datasheet
91Kb / 4P
Low Profile SMD ESD Protection Diode
More results


Similar Description - CPDURT5V0H-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDURT5V0C-HF COMCHIP-CPDURT5V0C-HF Datasheet
91Kb / 4P
Low Profile SMD ESD Protection Diode
CPDQT5V0-HF COMCHIP-CPDQT5V0-HF Datasheet
556Kb / 3P
Low Profile SMD ESD Protection Diode
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF Datasheet
318Kb / 4P
Low Capacitance ESD SMD Protection Diode
CPDURT05V0C-HF COMCHIP-CPDURT05V0C-HF Datasheet
91Kb / 4P
Low Profile SMD ESD Protection Diode
CPDV3V0SP-HF COMCHIP-CPDV3V0SP-HF Datasheet
294Kb / 5P
Low Capacitance SMD ESD Protection Diode
CPDQT5V0-HF COMCHIP-CPDQT5V0-HF Datasheet
556Kb / 3P
Low Profile SMD ESD Protection Diode
CPDUR9V0LP-HF COMCHIP-CPDUR9V0LP-HF Datasheet
318Kb / 4P
Low Capacitance ESD SMD Protection Diode
CPDURT05V0C-HF COMCHIP-CPDURT05V0C-HF Datasheet
91Kb / 4P
Low Profile SMD ESD Protection Diode
CPDQT5V0-HF COMCHIP-CPDQT5V0-HF_15 Datasheet
556Kb / 3P
Low Profile SMD ESD Protection Diode
CPDURT05V0C-HF COMCHIP-CPDURT05V0C-HF_15 Datasheet
91Kb / 4P
Low Profile SMD ESD Protection Diode
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com