Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2647SWTR Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2647SWTR
Description  Multi-Platform Multi-Phase PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2647SWTR Datasheet(HTML) 5 Page - Semtech Corporation

  SC2647SWTR Datasheet HTML 1Page - Semtech Corporation SC2647SWTR Datasheet HTML 2Page - Semtech Corporation SC2647SWTR Datasheet HTML 3Page - Semtech Corporation SC2647SWTR Datasheet HTML 4Page - Semtech Corporation SC2647SWTR Datasheet HTML 5Page - Semtech Corporation SC2647SWTR Datasheet HTML 6Page - Semtech Corporation SC2647SWTR Datasheet HTML 7Page - Semtech Corporation SC2647SWTR Datasheet HTML 8Page - Semtech Corporation SC2647SWTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2647
Pin Configurations
Pin Descriptions
Ordering Information
(24-Pin SOIC/TSSOP)
Top View
12
11
6
5
4
3
1
2
10
9
8
7
13
14
19
20
21
22
24
23
15
16
17
18
VID1
VID0
OUT1
OUT2
OUT3
OUT4
OS4
OUTSEN
VID5
PGOOD
OSCREF
AGND
VID2
VID3
GSENSE
ERROUT
BGOUT
OS1
OS3
OS2
VID4
VCC
DACSTEP
FB
Note:
(1) Only available in tape and reel packaging. A reel contains 1000 devices
for the SOIC-24 and 2500 devices for the TSSOP-24 package.
(2) Specify SOIC-24 or TSSOP-24 package.
(3) Lead free product. This product is fully WEEE and RoHS compliant.
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
PT
(
e
g
n
a
R
.
p
m
e
T
J)
R
T
W
S
7
4
6
2
C
S
)
1
(
4
2
-
C
I
O
S5
2
1
o
t
0
OC
R
T
S
T
7
4
6
2
C
S
)
1
(
4
2
-
P
O
S
S
T5
2
1
o
t
0
OC
T
R
T
S
T
7
4
6
2
C
S
)
3
,
1
(
4
2
-
P
O
S
S
T5
2
1
o
t
0
OC
B
V
E
7
4
6
2
C
S
)
2
(
d
r
a
o
B
n
o
i
t
a
u
l
a
v
E
Pin#
P in N a me
P in Func tion
1
OS 3
C urrent s e ns e i nput.
2
OS 2
C urrent s e ns e i nput.C o nnec t to O UTS E N fo r 2 p has e op e ra ti o n.
3
OS 1
C urrent s e ns e i nput.
4
B GO UT
B G re fe re nc e p i n.C o nne c t s o ft start cap fro m thi s pin to A GND .
5
E RROUT
E rro r-amp li fier outp ut.C onne ct c o mpe ns a ti on ne two rk to A GND .
6
G S E NS E
Remote sens e fo r G ND .
7
F B
F eed back pin.Ro ute F B and GE NS E a s differe nti al p a ir to C P U.
8
D A C S TE P
V ID s tep spee d.C o nnect a c a p from thi s pin to A GND to fi lte r D A C outp ut.
9
V C C
P o we r s up p ly fo r c hi p .
1 0 ~1 4
V ID 4 : 0
V ID M SB to V ID L SB.
1 5
V ID 5
12.5m V b i t fo r V RD 10.x. P ull it up to >2 V and pro g ra m the si nk c urrent to
s e le c tV RM9 or K 8 V ID ta ble.
1 6
P G OOD
P o we r good , O pen c o lle c tor o utp ut.
1 7
O S C RE F
Osc i lla to r fre q ue ncy se tti ng .C o nne ct a re si sto r to A GND .
1 8
A GND
C lea n ground fo r ana log si g nals.
1 9
OUT1
P W M outp ut1.
20
OUT2
P W M outp ut2.
21
OUT3
P W M outp ut3.
22
OUT4
P W M outp ut4. C o nnect to V C C fo r 3 p hase op era tion.
23
OUTS E N
D i re ct o utp ut s e ns e.
24
OS 4
C urre nt s e ns e inp ut. C o nne c t to O UTS E N fo r 2 or 3 phas e ope ra ti o n.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com