Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2647SWTR Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC2647SWTR
Description  Multi-Platform Multi-Phase PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2647SWTR Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC2647SWTR Datasheet HTML 3Page - Semtech Corporation SC2647SWTR Datasheet HTML 4Page - Semtech Corporation SC2647SWTR Datasheet HTML 5Page - Semtech Corporation SC2647SWTR Datasheet HTML 6Page - Semtech Corporation SC2647SWTR Datasheet HTML 7Page - Semtech Corporation SC2647SWTR Datasheet HTML 8Page - Semtech Corporation SC2647SWTR Datasheet HTML 9Page - Semtech Corporation SC2647SWTR Datasheet HTML 10Page - Semtech Corporation SC2647SWTR Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2647
Applications Information- Output Voltage
VRM9.X Output Voltage
Unless specified: 0 = GND; 1 = High (or Floating). T
A = 25
oC, V
CC = 5V
Vout
(V)
VID4
VID3
VID2
VID1
VID0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
OFF
1.1
1.125
1.15
1.175
1.2
1.225
1.25
1.275
1.3
1.325
1.35
1.375
1.4
1.425
1.45
1.475
1.5
1.525
1.55
1.575
1.6
1.625
1.65
1.675
1.7
1.725
1.75
1.775
1.8
1.825
1.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com