Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFD0003 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BFD0003
Description  Smart Automation and Monitoring System Ultrasonic Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BFD0003 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BFD0003 Datasheet HTML 1Page - Balluff Korea Ltd. BFD0003 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Smart Automation and Monitoring System
Ultrasonic Sensors
BFD 3SAP-19N000-U01-LA2-CA2000
Order Code: BFD0003
Internet
www.balluff.com
eCl@ss 9.1: 27-27-28-03
Subject to change without notice: 289053
ETIM 6.0: EC001846
BFD0003_1.8_2024-11-18
1 / 2
1) Sealing ring
Basic features
Application
Position monitoring in short stroke
hydraulic cylinders
Approval/Conformity
CE
UKCA
cULus
WEEE
Basic standard
IEC 60947-5-2
IEC 60947-5-7
Measuring principle
Ultrasound
Operating mode
SIO Mode
IO-Link Mode
Secondary features for condition
monitoring
Internal temperature monitoring
Series
BFD
Display/Operation
Display
1x tricoloured - LED
Function indicator
yes
Electrical connection
Bending radius min., fixed cable
12 mm
Bending radius min., flexible cable
12 mm
Cable diameter D
3.4 mm ±0.1 mm
Cable length L
2 m
Conductor cross-section
0.14 mm²
Connection type
Cable, 2.0 m, TPU
Number of conductors
4
Polarity reversal protected
yes
Short-circuit protection
yes
Electrical data
Current draw max.
130 mA
Load resistance RL max. (Analog I)
500 ohms
Load resistance RL min. (Analog V)
2 kOhm
No-load current Io max. at Ue
25 mA
Operating voltage Ub
10...30 VDC
Rated insulation voltage Ui
24 V DC
Rated operating voltage Ue DC
24 V
Ready delay tv max.
0.2 s
Ripple max. (% of Ue)
10 %
Ultrasonic Frequency
2000 kHz
Environmental conditions
Ambient temperature
0...85 °C
EN 60068-2-27, Shock
30 g, 11 ms
EN 60068-2-6, Vibration
30 g, 10…2000 Hz
IP rating
IP67
Relative humidity
≤ 90 %, non-condensing
Storage temperature
-20...85 °C
Functional safety
MTTF (40 °C)
308 a


Similar Part No. - BFD0003

ManufacturerPart #DatasheetDescription
logo
ETA-USA
BFD05SX ETA-USA-BFD05SX Datasheet
296Kb / 5P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264V SINGLE CHANNEL OUTPUT 100 WATTS
BFD06SX ETA-USA-BFD06SX Datasheet
296Kb / 5P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264V SINGLE CHANNEL OUTPUT 100 WATTS
BFD09SX ETA-USA-BFD09SX Datasheet
296Kb / 5P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264V SINGLE CHANNEL OUTPUT 100 WATTS
More results

Similar Description - BFD0003

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61040FP MITSUBISHI-M61040FP Datasheet
181Kb / 25P
Smart battery protection and monitoring IC
logo
Balluff Korea Ltd.
BES05WY BALLUFF-BES05WY Datasheet
118Kb / 2P
Smart Automation and Monitoring System Inductive Sensors
BES05Y7 BALLUFF-BES05Y7 Datasheet
117Kb / 2P
Smart Automation and Monitoring System Inductive Sensors
BIS01E2 BALLUFF-BIS01E2 Datasheet
124Kb / 2P
Smart Automation and Monitoring System
BIS01E5 BALLUFF-BIS01E5 Datasheet
118Kb / 2P
Smart Automation and Monitoring System
BIS01E6 BALLUFF-BIS01E6 Datasheet
119Kb / 2P
Smart Automation and Monitoring System
BIS01E7 BALLUFF-BIS01E7 Datasheet
120Kb / 2P
Smart Automation and Monitoring System
BDG0291 BALLUFF-BDG0291 Datasheet
138Kb / 2P
Smart Automation and Monitoring System Position Indicator
BES05ZW BALLUFF-BES05ZW Datasheet
116Kb / 2P
Smart Automation and Monitoring System Inductive Sensors
0.18_2022-01-12
BES0601 BALLUFF-BES0601 Datasheet
118Kb / 2P
Smart Automation and Monitoring System Inductive Sensors
0.26_2022-06-02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com