Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFD0003 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BFD0003
Description  Smart Automation and Monitoring System Ultrasonic Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BFD0003 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BFD0003 Datasheet HTML 1Page - Balluff Korea Ltd. BFD0003 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Smart Automation and Monitoring System
Ultrasonic Sensors
BFD 3SAP-19N000-U01-LA2-CA2000
Order Code: BFD0003
Internet
www.balluff.com
eCl@ss 9.1: 27-27-28-03
Subject to change without notice: 289053
ETIM 6.0: EC001846
BFD0003_1.8_2024-11-18
2 / 2
Interface
Analog output
Analog, voltage/Analog, current
selectable 4…20 mA/0…10 V
Baud rate
COM3 (230,4 kBaud)
Interface
IO-Link 1.1
Process data IN
6 bytes
Process data OUT
0 bytes
Process data cycle min.
1.4 ms
Switching output
Pin 2: PNP/NPN/push-pull NO/NC
Pin 4: Push-pull NO/NC
Material
Gasket, material
NBR
Housing material
1.4104 stainless steel
PBT
Material jacket
TPU
Sealing ring, standard
DIN 3869-18-NBR
Mechanical data
Burst pressure
455 bar
Dimension
Ø 30 x 30.9 mm
Mounting connection
M18x1
Pressure rating max.
350 bar
Pressure rating, note
oil pressure rated
Sealing ring, size
20.9 × 15.7 × 1.5 mm
Size
Screw design
Tightening torque max.
62 Nm
Tightening torque min.
58 Nm
Weight
98 g
Range/Distance
Measuring range
0...80 mm
Measuring rate max.
500 Hz (digital)
1000 Hz (analog)
Non-linearity max.
±250 µm
Repeat accuracy
± 50 µm
Resolution
≤ 12 bits
Resolution analog
12 Bit
Resolution digital
1 µm
Temperature drift max.
5 %
Remarks
For reliable operation, the sensor must have direct contact with the fluid.
Ensure that the hydraulic circuit is free of air before operating the measuring system.
For safe and reliable operation, prepare the mechanical connection of the hydraulic cylinder according to the instructions.
The sensor is functional again after the overload has been eliminated.
For additional information, refer to user's guide.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Wiring Diagrams (Schematic)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com