Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

511 Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # 511
Description  510/511 All Welded Diaphragm Seal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

511 Datasheet(HTML) 1 Page - Ashcroft, Inc.

  511 Datasheet HTML 1Page - Ashcroft, Inc. 511 Datasheet HTML 2Page - Ashcroft, Inc. 511 Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
„
Compact design allows seals to fit in confined areas
„
Sufficient displacement to drive a wide variety of
instrumentation
„
Minimal fill volume
„
All stainless steel construction; other materials
available
„
Light weight design
TYPICAL USES
„
Oil and gas
„
Refineries (Hydrofluoric / Sulfuric Alkylation)
„
Chemical and petrochemical
„
Water and wastewater
„
Oil and gas fracking
„
NACE Compliant processes (sour gas separation)
„
Biogas and biodiesel
„
Corrosive processes
SPECIFICATIONS
Connection Style:
510: Threaded
511: Threaded with Flushed Connection
Process Connection
Size:
1
⁄2NPT Male
Instrument Connection
Size:
1
⁄2NPT Female
Pressure Rating
(MAWP):
Vac. to 1,500 psi at 100 °F
(high pressure option available)
Added Tolerance:
±0.5% typical
Fill Fluid:
Glycerin, Silicone, Halocarbon®, Syltherm®
Approvals:
CRN, NACE
WETTED COMPONENTS
Diaphragm
Lower Housing
316L SS
Hastelloy® C-276
Monel® 400
Duplex 2205
316L Stainless steel
Hastelloy® C-276
Monel® 400
Duplex 2205
Hastelloy® B
NON-WETTED COMPONENTS
Top Housing
316 SS, Hastelloy® C-276 (XHB), Monel® 400, Duplex 2205
KEY BENEFITS
•Continuous duty design
• All-welded construction prevents inadvertent
disassembly
• Ensures process compatibility
• Male connections eliminate adapters/fittings
510/511
Threaded Seals
of 3
1
510/511 All Welded Diaphragm Seal
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are
the property of their respective owners: Halocarbon®, Hastelloy®, Monel®, Syltherm®, Tantalum®.
For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. 510-511_welded_seal_ds_RevH_03-13-23
ashcroft.com
| 1.800.328.8258 | Contact Us


Similar Part No. - 511

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
511 PEREGRINE-511 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Marl International Limi...
511 MARL-511 Datasheet
432Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
logo
List of Unclassifed Man...
511 ETC2-511 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
API Technologies Corp
511 APITECH-511 Datasheet
57Kb / 1P
COAXIAL RESONATOR OSCILLATOR
511 APITECH-511 Datasheet
57Kb / 1P
COAXIAL RESONATOR OSCILLATOR
More results

Similar Description - 511

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS5-55A FUJI-EDS5-55A Datasheet
238Kb / 6P
OPTICAL GAUGE PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
EDS6-78A FUJI-EDS6-78A Datasheet
215Kb / 4P
OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
EDS6-105A FUJI-EDS6-105A Datasheet
151Kb / 6P
FC SERIES DIFFERENTIAL PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
logo
Ohmite Mfg. Co.
RES-20 OHMITE-RES-20 Datasheet
328Kb / 2P
All-welded construction
RES-90 OHMITE-RES-90 Datasheet
377Kb / 2P
All-welded construction
logo
Laird Tech Smart Techno...
800 LSTD-800 Datasheet
415Kb / 1P
All-welded unit construction
logo
Ohmite Mfg. Co.
90-SERIES OHMITE-90-SERIES Datasheet
377Kb / 2P
All-welded construction
logo
Willow Technologies Ltd
134 WILLOW-134 Datasheet
142Kb / 6P
All welded construction
logo
Ohmite Mfg. Co.
20SERIES OHMITE-20SERIES Datasheet
328Kb / 2P
All-welded construction.
40SERIES OHMITE-40SERIES Datasheet
378Kb / 2P
All-welded construction
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com