Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

511 Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 511
Description  510/511 All Welded Diaphragm Seal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

511 Datasheet(HTML) 2 Page - Ashcroft, Inc.

  511 Datasheet HTML 1Page - Ashcroft, Inc. 511 Datasheet HTML 2Page - Ashcroft, Inc. 511 Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ORDERING CODE
Example:
04
510
S
S
04T
XCG
NH
Process Connection Size
04 - ½ NPT Male
04
Seal Model
510 - All-welded threaded compact seal, with no flushing port
510
511 - All-welded threaded compact seal, with flushing port
Diaphragm Material
S - 316L Stainless Steel
S
H - Hastelloy® C-276
P - Monel® 400
W - 316L Stainless Diaphram, gold plated on non-process (fill) side
B - Monel Diaphram, gold plated on non-process (fill) side
Z - Duplex 2205
U - Tantalum®
Bottom Housing Material
S - 316L Stainless Steel
S
H - Hastelloy® C-276
M - Monel® 400
Z - Duplex 2205
B - Hastelloy® B (510 only)
Instrument Connection Size
04T - ½ NPT Female
04T
Options (if choosing option(s) must include an “X”)
Fill Fluid
X_ _
CF - Halocarbon®
CC - Syltherm® XLT (for low-temperature applications)
CG - Glycerin (direct-mount only)
CG
CK - 50 cSt Silicone
DJ - 10 cSt Silicone
HA - Syltherm® 800 (for high-temperature applications)
Optional Features
DU - Instrument welded to seal
PU - Pipe plug for flushing connection (511 only)
NH - Stainless steel tag wired to product
NH
HY - Hydrostatic testing
6B - Cleaning for oxidizing agents
HP - High pressure design (510: 10,000 psi MAWP, 511: 5000 MAWP)
HB - Hastelloy® C-276 top housing
When selecting an instrument, refer to the Min/Max Guide for compatibility with this diaphragm seal or scan the QR code to the right.
of 3
2
510/511 All Welded Diaphragm Seal
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are
the property of their respective owners: Halocarbon®, Hastelloy®, Monel®, Syltherm®, Tantalum®.
For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. 510-511_welded_seal_ds_RevH_03-13-23
ashcroft.com
| 1.800.328.8258 | Contact Us



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com