Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4911IMSTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4911IMSTRT
Description  Bias/Primary Side PWM Controller with Ultra Low Start-up Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4911IMSTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4911IMSTRT Datasheet HTML 5Page - Semtech Corporation SC4911IMSTRT Datasheet HTML 6Page - Semtech Corporation SC4911IMSTRT Datasheet HTML 7Page - Semtech Corporation SC4911IMSTRT Datasheet HTML 8Page - Semtech Corporation SC4911IMSTRT Datasheet HTML 9Page - Semtech Corporation SC4911IMSTRT Datasheet HTML 10Page - Semtech Corporation SC4911IMSTRT Datasheet HTML 11Page - Semtech Corporation SC4911IMSTRT Datasheet HTML 12Page - Semtech Corporation SC4911IMSTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
 2006 Semtech Corp.
www.semtech.com
SC4911
POWER MANAGEMENT
Non-Isolated feedback 48V to 12V application
Figure 4 is an example of low cost, non-isolated feedback,
low power application of the SC4911. T1 is a two winding
transformer. The output voltage is directly fed to the
primary circuitry.
During the start-up, the input source trickle charges the
capacitor C3 through start-up resistor R1. As long as the
voltage across C3 reaches the Vcc turn-on threshold,
the SC4911 turns on abruptly and starts driving the gate
of MOSFET Q1. After the SC4911 starts up the secondary
winding supplies the primary circuitry.
In this 36V to 72V telecom application, LUVLO monitors
the input voltage via resistor R2 and R4 to determine
turn-on and turn-off of the converter. Capacitor C4 helps
filter out the noise from the input line. Voltage feedback
is directly brought from the output to the input error
amplifier of SC4911 through R5 and R7. C6 and R9 are
for frequency compensation. An additional small
capacitor could be used from COMP to GND if needed.
Typical Applications (Cont.)
Vo = 12V
C6
47nF
C4
100pF
D1 1N5819
Q1
Si2320DS
C5
150pF
U1 SC4911
1
2
3
4
5
6
7
8
LUVLO
RT
FB
COMP
ILIM
GND
OUT
VCC
C1
47uF
R6
51
C3
10uF
R7
100K
T1
C7
1000pF
R4
100K
D2 1N5819
R8
1.00
C2
10uF
R1
100K
R9
4.7K
R2
2.7MEG
R3
68
R5
383K
Vin = 48V
R10
100K
Figure 4. Non-isolated 48V to 12V Flyback Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com