Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4911IMSTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC4911IMSTRT
Description  Bias/Primary Side PWM Controller with Ultra Low Start-up Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4911IMSTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC4911IMSTRT Datasheet HTML 6Page - Semtech Corporation SC4911IMSTRT Datasheet HTML 7Page - Semtech Corporation SC4911IMSTRT Datasheet HTML 8Page - Semtech Corporation SC4911IMSTRT Datasheet HTML 9Page - Semtech Corporation SC4911IMSTRT Datasheet HTML 10Page - Semtech Corporation SC4911IMSTRT Datasheet HTML 11Page - Semtech Corporation SC4911IMSTRT Datasheet HTML 12Page - Semtech Corporation SC4911IMSTRT Datasheet HTML 13Page - Semtech Corporation SC4911IMSTRT Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
 2006 Semtech Corp.
www.semtech.com
SC4911
POWER MANAGEMENT
Typical Applications (Cont.)
48V to 12V FLYBACK CONVERTER AS BATTERY
CHARGER
Figure 5 is another example of non-isolated feedback,
low power and compact application of the SC4911 as a
battery charger. Battery charging rate is determined by
current sense resistor R8. LUVLO is used to not only turn
on or turn off the charger by battery charge controller,
but also monitors the input line voltage via resistor R2
and R5 to determine turn-on and turnoff of the converter.
During the start-up, the input source trickle charges the
capacitor C3 through start-up resistor R1. As long as
voltage across C3 reaches the Vcc turn-on threshold,
the SC4911 turns on abruptly and starts driving the gate
of MOSFET Q1. After the SC4911 starts up the secondary
winding supplies the primary circuitry.
Q1
Si2320DS
C4
150pF
R3
68
To Battery Charger Controller
U1 SC4911
1
2
3
4
5
6
7
8
LUVLO
RT
FB
COMP
ILIM
GND
OUT
VCC
C6
1000pF
R7
100K
R8
1.00
D1 1N5819
R2
2.7MEG
T1
R10
100K
R6
51
Vin = 48V
C3
10uF
R9
4.7K
To 12V Battery
R4
619K
D2 1N5819
C1
47uF
R1
100K
C2
10uF
C5
47nF
R5
100K
Figure 5. 48V to 12V Flyback Converter as Battery Charger
In this application, voltage feedback is directly brought
from the output to the input error amplifier of SC4911
through R4 and R7. C5 and R9 are for frequency
compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com