Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2738IMSTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2738IMSTRT
Description  Ultra Low Output Voltage Dual Linear FET Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2738IMSTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC2738IMSTRT Datasheet HTML 1Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 2Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 3Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 4Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 5Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 6Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 7Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 8Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
 2004 Semtech Corp.
www.semtech.com
SC2738
PRELIMINARY
POWER MANAGEMENT
Pin Descriptions
Top View
(MSOP-10)
r
e
b
m
u
N
t
r
a
P
)
1
(
e
g
a
t
l
o
V
t
u
p
t
u
Oe
g
a
k
c
a
P
T
R
T
S
M
I
8
3
7
2
C
S
)
2
(
m
o
r
f
.j
d
a
h
t
o
B
V
3
.
3
o
t
V
5
.
0
0
1
-
P
O
S
M
Notes:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
(2) Lead free product. This product is fully WEEE and
RoHS compliant.
Pin Configuration
Ordering Information
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
11
V
R
Dk
1
~
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
,
1
#
r
o
t
a
l
u
g
e
r
f
o
t
u
p
t
u
O
Ω
n
i
a
t
n
i
a
m
o
t
T
E
F
S
O
M
l
e
n
n
a
h
c
-
N
n
a
f
o
e
t
a
g
e
h
t
s
e
v
ir
D
.
V
1
T
U
O
.
2
R
d
n
a
1
R
y
b
t
e
s
21
J
D
A
d
n
a
,
e
g
a
tl
o
v
-
r
e
d
n
u
d
n
a
d
o
o
g
r
e
w
o
p
r
o
f
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
g
n
i
s
n
e
s
r
o
f
d
e
s
U
.t
u
p
n
i
e
s
n
e
s
1
#
r
o
t
a
l
u
g
e
R
:
)
1
e
g
a
p
n
o
ti
u
c
r
i
c
n
o
it
a
c
il
p
p
a
o
t
r
e
f
e
r
(
s
w
o
ll
o
f
s
a
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
t
e
s
o
t
V
)
X
A
M
(
T
U
O
V
r
o
f
V
3
.
3
=
N
I
V
r
o
f
V
8
.
1
,
V
2
1
=
N
I
.
V
5
=
31
N
E
.t
a
o
lf
o
t
w
o
ll
a
t
o
n
o
D
.
d
e
s
u
g
n
i
e
b
t
o
n
fi
N
I
o
t
t
c
e
n
n
o
C
.l
o
r
t
n
o
c
e
l
b
a
n
e
h
g
i
h
e
v
it
c
A
41
D
G
PV
r
o
f
t
u
p
t
u
o
l
a
n
g
i
s
d
o
o
g
r
e
w
o
P
1
T
U
O
V
n
e
h
w
w
o
l
s
ll
u
p
t
u
p
t
u
o
n
i
a
r
d
n
e
p
O
.
1
T
U
O
V
(
w
o
l
e
b
s
i
)
M
O
N
(
1
T
U
O
.
)
%
2
1
-
5D
N
G.
d
n
u
o
r
G
62
D
G
PV
r
o
f
t
u
p
t
u
o
l
a
n
g
i
s
d
o
o
g
r
e
w
o
P
2
T
U
O
V
n
e
h
w
w
o
l
s
ll
u
p
t
u
p
t
u
o
n
i
a
r
d
n
e
p
O
.
2
T
U
O
V
(
w
o
l
e
b
s
i
)
M
O
N
(
2
T
U
O
.
)
%
2
1
-
72
N
E
.t
a
o
lf
o
t
w
o
ll
a
t
o
n
o
D
.
d
e
s
u
g
n
i
e
b
t
o
n
fi
N
I
o
t
t
c
e
n
n
o
C
.l
o
r
t
n
o
c
e
l
b
a
n
e
h
g
i
h
e
v
it
c
A
82
J
D
A
d
n
a
,
e
g
a
tl
o
v
-
r
e
d
n
u
d
n
a
d
o
o
g
r
e
w
o
p
r
o
f
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
g
n
i
s
n
e
s
r
o
f
d
e
s
U
.t
u
p
n
i
e
s
n
e
s
2
#
r
o
t
a
l
u
g
e
R
:
)
1
e
g
a
p
n
o
ti
u
c
r
i
c
n
o
it
a
c
il
p
p
a
o
t
r
e
f
e
r
(
s
w
o
ll
o
f
s
a
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
t
e
s
o
t
V
)
X
A
M
(
T
U
O
V
r
o
f
V
3
.
3
=
N
I
V
r
o
f
V
8
.
1
,
V
2
1
=
N
I
.
V
5
=
92
V
R
Dk
1
~
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
,
2
#
r
o
t
a
l
u
g
e
r
f
o
t
u
p
t
u
O
Ω
n
i
a
t
n
i
a
m
o
t
T
E
F
S
O
M
l
e
n
n
a
h
c
-
N
n
a
f
o
e
t
a
g
e
h
t
s
e
v
ir
D
.
V
2
T
U
O
.
4
R
d
n
a
3
R
y
b
t
e
s
0
1N
I.
y
l
p
p
u
s
V
2
1
+
r
o
V
5
+
 +
•
=
2
R
1
R
1
5
.
0
V
1
OUT
 +
•
=
4
R
3
R
1
5
.
0
V
2
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com