Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2738IMSTRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC2738IMSTRT
Description  Ultra Low Output Voltage Dual Linear FET Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2738IMSTRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC2738IMSTRT Datasheet HTML 3Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 4Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 5Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 6Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 7Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 8Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 9Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 10Page - Semtech Corporation SC2738IMSTRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
 2004 Semtech Corp.
www.semtech.com
SC2738
POWER MANAGEMENT
Applications Infomation (Cont.)
supplied to the MOSFET drain should be greater than
the output under-voltage threshold when that
output is enabled. This assumes that the drop through
the pass MOSFET is negligible. If not, then this drop needs
to be taken into account also since:
V
OUT = VDRAIN - (IOUT x RDS(ON)).
If the supply to the SC2738 IN pin comes up before the
supply to the MOSFET drain, then that output should be
enabled as the supply to the MOSFET drain is applied
- the Power Good signal for this rail would be ideal. If the
power supply to the MOSFET drain comes up before the
power supply to the SC2738 IN pin, then the output can
either be enabled with the supply to the IN pin or after-
wards. Please see the example below.
Example: SC2738 powered from 5V, output 1 powered
from 1.8V set for 1.5V out, output 2 not shown for
simplicity. Worst case under-voltage threshold is 60%
(over temperature) of 1.5V, or 0.9V. The typical enable
threshold is ~1V. See Figure 1 below.
Component Selection
Output Capacitors: low ESR capacitors such as Sanyo
POSCAPs or Panasonic SP-caps are recommended for
bulk capacitance, with ceramic bypass capacitors for
decoupling high frequency transients.
Input Capacitors: placement of low ESR capacitors such
as Sanyo POSCAPs or Panasonic SP-caps at the input to
the MOSFET (V
DRAIN) will help to hold up the power supply
during fast load changes, thus improving overall transient
response. If V
DRAIN is located at the bulk capacitors for
the upstream voltage regulator, additional capacitance
may not be required. In this case a 0.1µF ceramic
capacitor will suffice. The input supply to the SC2738
should be bypassed with a 0.1µF ceramic capacitor.
SC2738 Supply Comes Up Before MOSFET Drain Supply
MOSFET Drain Supply Comes Up Before SC2738 Supply
Figure 1: Power Supply Sequencing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com