Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA112S Datasheet(PDF) 1 Page - STMicroelectronics

Part # DA112S
Description  Diode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DA112S Datasheet(HTML) 1 Page - STMicroelectronics

  DA112S Datasheet HTML 1Page - STMicroelectronics DA112S Datasheet HTML 2Page - STMicroelectronics DA112S Datasheet HTML 3Page - STMicroelectronics DA112S Datasheet HTML 4Page - STMicroelectronics DA112S Datasheet HTML 5Page - STMicroelectronics DA112S Datasheet HTML 6Page - STMicroelectronics DA112S Datasheet HTML 7Page - STMicroelectronics DA112S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
February 2007
Rev 5
1/8
DA108S1
DA112S1
ASD (Application Specific Devices)
Diode Array
Main applications
Protection of logic side of ISDN S-interface
Protection of I/O lines of microcontroller
Signal conditioning
Features
Array of 8 or 12 diodes
Low input capacitance
Suitable for digital line protection
Description
ARRAY of 8 or 12 diodes configured by cells of 2
diodes, each cell being used to protect signal line
from transient overvoltages by clamping action.
COMPLIES WITH FOLLOWING
STANDARDS :
IEC 61000-4-2 Level 4:
15kV (air discharge)
8kV (contact discharge)
Functional diagram: DA108S1
Functional diagram: DA112S1
SO-8
I/O1
REF1
REF2
REF3
REF4
I/O2
I/O3
I/O4
I/O1 18
27
36
45
REF1
I/O6
REF2
I/O5
I/O2
I/O3
I/O4
www.st.com


Similar Part No. - DA112S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DA112S STMICROELECTRONICS-DA112S Datasheet
51Kb / 5P
DIODE ARRAY
Mar-1998
DA112S1 STMICROELECTRONICS-DA112S1 Datasheet
51Kb / 5P
DIODE ARRAY
Mar-1998
More results

Similar Description - DA112S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DA108S1 STMICROELECTRONICS-DA108S1 Datasheet
51Kb / 5P
DIODE ARRAY
Mar-1998
logo
Intersil Corporation
CA3039 INTERSIL-CA3039 Datasheet
27Kb / 4P
Diode Array
November 1996
CA3039 INTERSIL-CA3039_00 Datasheet
78Kb / 4P
Diode Array
December 2000
logo
Sensitron
SCP-4644 SENSITRON-SCP-4644 Datasheet
36Kb / 2P
Diode Array
logo
Solid States Devices, I...
RS0217 SSDI-RS0217 Datasheet
170Kb / 2P
DIODE ARRAY
logo
Sensitron
SDA1001SS SENSITRON-SDA1001SS Datasheet
122Kb / 2P
DIODE ARRAY
SDA1002SS SENSITRON-SDA1002SS Datasheet
214Kb / 2P
DIODE ARRAY
SDA1003SS SENSITRON-SDA1003SS Datasheet
214Kb / 2P
DIODE ARRAY
SDA1004 SENSITRON-SDA1004 Datasheet
159Kb / 3P
DIODE ARRAY
logo
New Jersey Semi-Conduct...
1N6101 NJSEMI-1N6101 Datasheet
82Kb / 1P
Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com