Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA112S Datasheet(PDF) 3 Page - STMicroelectronics

Part # DA112S
Description  Diode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DA112S Datasheet(HTML) 3 Page - STMicroelectronics

  DA112S Datasheet HTML 1Page - STMicroelectronics DA112S Datasheet HTML 2Page - STMicroelectronics DA112S Datasheet HTML 3Page - STMicroelectronics DA112S Datasheet HTML 4Page - STMicroelectronics DA112S Datasheet HTML 5Page - STMicroelectronics DA112S Datasheet HTML 6Page - STMicroelectronics DA112S Datasheet HTML 7Page - STMicroelectronics DA112S Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DA108S1 / DA112S1
Characteristics
3/8
Figure 1.
Input capacitance
Figure 2.
Typical peak forward voltage characteristics (8/20 µs pulse
22
24
26
28
30
32
34
36
246810 12 14 16
0
C (pF)
G
I/O
V
CC
REF2
REF1
DC bias (V)
V
= 5 V
CC
V
= 15 V
CC
Typical values
V
connected between REF1 and REF2
Input applied :
DC bias + 950 mV
at 1 MHZ
CC
(RMS)
V
F (V)
0.001
0.01
0.1
1
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Tj = 25 C
o
I
F (A)
Typical values
V
F (V)
110
20
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
Typical values
I
F (A)
Tj = 25 C
o



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com