Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC604A Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC604A
Description  Low Noise, High Efficiency Regulated White LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC604A Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC604A Datasheet HTML 9Page - Semtech Corporation SC604A Datasheet HTML 10Page - Semtech Corporation SC604A Datasheet HTML 11Page - Semtech Corporation SC604A Datasheet HTML 12Page - Semtech Corporation SC604A Datasheet HTML 13Page - Semtech Corporation SC604A Datasheet HTML 14Page - Semtech Corporation SC604A Datasheet HTML 15Page - Semtech Corporation SC604A Datasheet HTML 16Page - Semtech Corporation SC604A Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
 2005 Semtech Corp.
www.semtech.com
SC604A
POWER MANAGEMENT
Battery Current for 4 LEDs at 0.5mA
Efficiency for 4 LEDs at 0.5mA
Efficiency for 4 LEDs at 20mA
Battery Current for 4 LEDs at 10mA
Efficiency for 4 LEDs at 10mA
Battery Current for 4 LEDs at 20mA
Typical Characteristics with 4 LEDs
50
60
70
80
90
100
3.2
3.4
3.6
3.8
4
4.2
Input Voltage [V]
LED = 3.37V
30
40
50
60
70
80
3.2
3.4
3.6
3.8
4
4.2
Input Voltage [V]
LED = 3.37V
50
60
70
80
90
100
3.2
3.4
3.6
3.8
4
4.2
Input Voltage [V]
LED = 3.45V
40
60
80
100
120
140
3.2
3.4
3.6
3.8
4.0
4.2
Input Voltage [V]
LED = 3.45V
1.5
2
2.5
3
3.5
4
3.2
3.4
3.6
3.8
4
4.2
Input Voltage [V]
LED = 2.91V
LED = 2.91V
20
30
40
50
60
70
3.2
3.4
3.6
3.8
4
4.2
Input Voltage [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com