Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC604A Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC604A
Description  Low Noise, High Efficiency Regulated White LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC604A Datasheet(HTML) 2 Page - Semtech Corporation

  SC604A Datasheet HTML 1Page - Semtech Corporation SC604A Datasheet HTML 2Page - Semtech Corporation SC604A Datasheet HTML 3Page - Semtech Corporation SC604A Datasheet HTML 4Page - Semtech Corporation SC604A Datasheet HTML 5Page - Semtech Corporation SC604A Datasheet HTML 6Page - Semtech Corporation SC604A Datasheet HTML 7Page - Semtech Corporation SC604A Datasheet HTML 8Page - Semtech Corporation SC604A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
 2005 Semtech Corp.
www.semtech.com
SC604A
POWER MANAGEMENT
Absolute Maximum Ratings
Electrical Characteristics
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
S
N
I
V0
.
7
+
o
t
3
.
0
-V
e
g
a
tl
o
V
t
u
p
t
u
O
V
T
U
O
0
.
7
+
o
t
3
.
0
-V
V
T
U
O
n
o
it
a
r
u
D
ti
u
c
r
i
C
t
r
o
h
S
C
Se
ti
n
if
e
d
n
Is
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
1
(
θ
A
J
0
4W
/
C
°
t
n
e
i
b
m
A
g
n
it
a
r
e
p
O
T
A
5
8
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
T
J
0
5
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
0
5
1
+
o
t
5
6
-C
°
R
T
L
M
I
A
4
0
6
C
S
e
r
u
t
a
r
e
p
m
e
T
w
o
lf
e
R
R
I
T
D
A
E
L
0
4
2C
°
T
R
T
L
M
I
A
4
0
6
C
S
e
r
u
t
a
r
e
p
m
e
T
w
o
lf
e
R
R
I
T
D
A
E
L
0
6
2C
°
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
S
t
u
p
n
IN
I
V5
.
25
.
6V
s
D
E
L
o
t
n
i
t
n
e
r
r
u
C
4
d
n
a
3
,
2
,
1
I
D
E
L
R
T
E
S
k
0
.
4
2
=
Ω
0
2A
m
R
T
E
S
k
0
.
4
9
=
Ω
0
.
5A
m
V
7
.
2< N
I
V<
V
5
.
55
.
00
2A
m
V
1
.
3< N
I
V<
V
5
.
55
.
00
3A
m
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QI
Q
I
T
U
O
A
m
5
=0
0
5
10
0
0
2µA
V
0
=
e
l
b
a
n
E1
7
µA
I
D
E
L
y
c
a
r
u
c
c
AI
R
R
E
-
D
E
L
A
m
5
.
0
≤ I
D
E
L
≤
A
m
0
35
±%
g
n
i
h
c
t
a
M
t
n
e
r
r
u
CI
R
R
E
-
D
E
L
-
D
E
L
A
m
5
.
0
≤ I
D
E
L
≤
A
m
0
33
±%
e
d
o
m
x
5
.
1
o
t
e
d
o
m
x
1
V
(
e
g
a
tl
o
v
n
o
it
i
s
n
a
r
t
N
I
)
g
n
il
l
a
f
V
X
1
S
N
A
R
T
V
D
E
L
I
,
V
6
.
3
=
T
U
O
I
,
A
m
0
8
=
D
E
L
A
m
0
2
=6
9
7
.
3V
e
d
o
m
x
2
o
t
e
d
o
m
x
5
.
1
V
(
e
g
a
tl
o
v
n
o
it
i
s
n
a
r
t
N
I
)
g
n
il
l
a
f
V
X
5
.
1
S
N
A
R
T
V
D
E
L
I
,
V
6
.
3
=
T
U
O
I
,
A
m
0
8
=
D
E
L
A
m
0
2
=0
2
3
.
3V
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
Of
C
S
O
5
.
2
1
20
5
25
.
7
8
2z
H
k
e
g
a
tl
o
V
r
e
v
O
t
u
p
t
u
O
n
o
it
c
e
t
o
r
P
)
1
(
V
P
V
O
s
i
t
a
h
t
D
E
L
y
n
a
t
a
ti
u
c
r
i
c
n
e
p
O
e
t
a
t
s
n
O
e
h
t
n
i
e
b
o
t
d
e
m
m
a
r
g
o
r
p
0
.
5V
Unless specified: T
A = -40°C to 85°C, VIN= 2.85V to 5.5V, C1 = C2 = 1.0µF (ESR = 0.03Ω). Typical values @ TA=25°C, LED VF = 3.4V.
This device is ESD sensitive. Use of standard ESD handling precautions is required.
Note: (1) By JESD51 standards
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com