Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC804EVB Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC804EVB
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC804EVB Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC804EVB Datasheet HTML 12Page - Semtech Corporation SC804EVB Datasheet HTML 13Page - Semtech Corporation SC804EVB Datasheet HTML 14Page - Semtech Corporation SC804EVB Datasheet HTML 15Page - Semtech Corporation SC804EVB Datasheet HTML 16Page - Semtech Corporation SC804EVB Datasheet HTML 17Page - Semtech Corporation SC804EVB Datasheet HTML 18Page - Semtech Corporation SC804EVB Datasheet HTML 19Page - Semtech Corporation SC804EVB Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
© 2007 Semtech Corp.
www.semtech.com
SC804
PRELIMINARY
POWER MANAGEMENT
Typical Charge Cycle
Evaluation Board configured for internal timer, 1.5V on IPRGM = 810mA, 1.5V on ITERM = 300mA, VCC = 5.0V, Li-Ion battery capacity =
1000mAh. A 70mA battery load was applied after initial charge timeout, and removed during the recharge cycle prior to termination.
(a) Constant Current (CC) Charging (Fast Charge); (b) Constant Voltage (CV) Charging; (c) Termination; (d) Float Charging; (e) Timer Expiration;
(f) Slow Battery Discharge; (g) Recharge; (h) Termination.
Time, hours
Typical Charge Cycle
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
(a)
(b
(c)
(d)
Battery Voltage
(f)
(h)
(g)
(e)
ITERM Voltage
IPRGM Voltage
CHRGB Voltage
ITERM Voltage
CHRGB Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com