Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC804EVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC804EVB
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC804EVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC804EVB Datasheet HTML 1Page - Semtech Corporation SC804EVB Datasheet HTML 2Page - Semtech Corporation SC804EVB Datasheet HTML 3Page - Semtech Corporation SC804EVB Datasheet HTML 4Page - Semtech Corporation SC804EVB Datasheet HTML 5Page - Semtech Corporation SC804EVB Datasheet HTML 6Page - Semtech Corporation SC804EVB Datasheet HTML 7Page - Semtech Corporation SC804EVB Datasheet HTML 8Page - Semtech Corporation SC804EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
© 2007 Semtech Corp.
www.semtech.com
SC804
PRELIMINARY
POWER MANAGEMENT
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Battery Leakage Current
(VOUT and BSEN)
ILEAK
BAT
VCC = 0V,
V
OUT = BSEN = 4.5V
0.1
2
μA
Regulated Constant
Voltage
V
CV
0°C ≤ T
J ≤ 125°C
4.16
4.20
4.24
V
RGND Output Accuracy
VOUT = VOUT
NOM +
∆RGND
V
RGND
RGND - GND = 30mV
22
30
38
mV
RGND Current
I
RGND
RGND = 0V
35
μA
Battery Pre-Charge
Current
I
PREQ
R
ITERM = 499Ω, 0°C ≤ TJ ≤ 125°C
270
300
330
mA
Battery Termination
Current
I
TERM
R
ITERM = 499Ω, 0°C ≤ TJ ≤ 125°C
270
300
330
mA
Battery Fast-Charge
Current
I
FAST
R
PRGM = 1.87kΩ, VOUT = 3.8V
0°C ≤ T
J ≤ 125°C
740
800
860
mA
AFC DAC
Fast-Charge Current
I
DACADJ
R
PRGM = 1.87kΩ, V(AFC) = 0.75V
0°C ≤ T
J ≤ 125°C
360
400
440
mA
AFC Enable/Disable
Threshold
VT
AFC
VCC - V
AFC > VTAFC disables
Analog Fast Charge
1V
ITERM Regulated
Voltage
V
ITERM
1.4
1.5
1.6
V
IPROG Regulated
Voltage
V
IPRGM
1.4
1.5
1.6
V
V
BAT Pre-Charge
Threshold
VT
PreQ
0°C ≤ T
J ≤ 125°C
2.8
2.9
3.0
V
V
BAT Recharge Threshold
VT
ReQ
V
CV - VBSEN, 0°C ≤ TA ≤ 85°C
60
100
140
mV
Over-Temperature
Shutdown
T
OT
Hysteresis = 10°C
150
°C
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com