Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER50BSP Datasheet(PDF) 6 Page - STMicroelectronics

Part # VIPER50BSP
Description  SMPS PRIMARY I.C.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER50BSP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VIPER50BSP Datasheet HTML 2Page - STMicroelectronics VIPER50BSP Datasheet HTML 3Page - STMicroelectronics VIPER50BSP Datasheet HTML 4Page - STMicroelectronics VIPER50BSP Datasheet HTML 5Page - STMicroelectronics VIPER50BSP Datasheet HTML 6Page - STMicroelectronics VIPER50BSP Datasheet HTML 7Page - STMicroelectronics VIPER50BSP Datasheet HTML 8Page - STMicroelectronics VIPER50BSP Datasheet HTML 9Page - STMicroelectronics VIPER50BSP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Figure 1:VDD Regulation Point
ICOMP
ICOMPHI
ICOMPLO
VDDreg
0
VDD
Slope =
Gm in mA/V
FC00150
Figure 3: Transition Time
ID
VDS
t
t
tf
tr
10% Ipeak
10% VD
90% VD
FC00160
Figure 2: Undervoltage Lockout
VDDon
IDDch
IDD0
VDD
VDDoff
VDS =70 V
Fsw = 0
IDD
VDDhyst
FC00170
Figure 4: Shut Down Action
VCOMP
VOS C
ID
t
tDISs u
t
t
ENABLE
DISABLE
ENABLE
VCOMPth
FC 0 00 6 0
Figure 5: Breakdown Voltage vs Temperature
Figure 6: Typical Frequency Variation
Temp era ture ( C)
FC0 0 180
0
204060
80
100
120
0.95
1
1.05
1. 1
1.15
BVDS S
(Nor malize d)
Temperature ( C)
0
20
40
60
80
100 120 140
-5
-4
-3
-2
-1
0
1
FC0 019 0
(%)
VIPER50B/BSP
6/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com