Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER50BSP Datasheet(PDF) 16 Page - STMicroelectronics

Part # VIPER50BSP
Description  SMPS PRIMARY I.C.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER50BSP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VIPER50BSP Datasheet HTML 12Page - STMicroelectronics VIPER50BSP Datasheet HTML 13Page - STMicroelectronics VIPER50BSP Datasheet HTML 14Page - STMicroelectronics VIPER50BSP Datasheet HTML 15Page - STMicroelectronics VIPER50BSP Datasheet HTML 16Page - STMicroelectronics VIPER50BSP Datasheet HTML 17Page - STMicroelectronics VIPER50BSP Datasheet HTML 18Page - STMicroelectronics VIPER50BSP Datasheet HTML 19Page - STMicroelectronics VIPER50BSP Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
T1
U1
VIPer50B
13V
OSC
COMP
SOURCE
DRAIN
VDD
-
+
1
5
2
3
4
C4
C2
C5
C1
D2
R1
R2
D1
C7
C6
C3
ISO1
Frominput
diodes bri dge
To seconda
ry
filtering and load
FC005 00
Figure 22: Recommended layout
LAYOUT CONSIDERATIONS
Some simple rules insure a correct running of
switching power supplies. They may be classified
into two categories:
- To minimise power loops: the way the switched
power current must be carefully analysed and
the corresponding paths must present the
smallest inner loop area as possible. This
avoids radiated EMC noises, conducted EMC
noises by magnetic coupling, and provides a
better
efficiency
by
eliminating
parasitic
inductances, especially on secondary side.
- To use different tracks for low level signals and
power ones. The interferences due to a mixing
of signal and power may result in instabilities
and/or anomalous behaviour of the device in
case
of
violent
power
surge
(Input
overvoltages, output short circuits...).
In case of VIPer, these rules apply as shown on
figure 22.
The loops C1-T1-U1, C5-D2-T1,
C7-D1-T1 must be minimised. C6 must be as
close
as
possible
from
T1.
The
signal
components C2, ISO1, C3 and C4 are using a
dedicated track to be connected directly to the
source of the device.
VIPER50B/BSP
16/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com