Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS85 Datasheet(PDF) 4 Page - SYC Electronica

Part # 74LS85
Description  4-Bit Magnitude Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS85 Datasheet(HTML) 4 Page - SYC Electronica

  74LS85 Datasheet HTML 1Page - SYC Electronica 74LS85 Datasheet HTML 2Page - SYC Electronica 74LS85 Datasheet HTML 3Page - SYC Electronica 74LS85 Datasheet HTML 4Page - SYC Electronica 74LS85 Datasheet HTML 5Page - SYC Electronica 74LS85 Datasheet HTML 6Page - SYC Electronica 74LS85 Datasheet HTML 7Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NOTE:
The SN74LS85 can be used as a 5-bit comparator only
when the outputs are used to drive the A0–A3 and B0–B3
inputs of another SN74LS85 as shown in Figure 2 in posi-
tions #1, 2, 3, and 4.
SN74LS85
4
Figure 1. Comparing Two n-Bit Words
L = LOW LEVEL
H = HIGH LEVEL
A0 A1 A2 A3 B0 B1 B2 B3
A0 A1 A2 A3 B0 B1 B2 B3
A0 A1 A2 A3 B0 B1 B2 B3
L
L
H
IA > B
IA < B
IA = B
OA > B
OA < B
OA = B
IA > B
IA < B
IA = B
OA > B
OA < B
OA = B
A > B
A < B
A = B
SN74LS85
SN74LS85
APPLICATIONS
Figure 2 shows a high speed method of comparing two
24-bit words with only two levels of device delay. With the
technique shown in Figure 1, six levels of device delay result
when comparing two 24-bit words. The parallel technique
can be expanded to any number of bits, see Table 1.
Table 1
WORD LENGTH
NUMBER OF PKGS.
1 – 4 Bits
1
5 – 24 Bits
2–6
25 – 120 Bits
8–31
MSB = MOST SIGNIFICANT BIT
LSB = LEAST SIGNIFICANT BIT
L = LOW LEVEL
H = HIGH LEVEL
NC = NO CONNECTION
A0 A1 A2 A3 B0 B1 B2 B3
A0 A1 A2 A3 B0 B1 B2 B3
L
L
H
IA > B
IA < B
IA = B
OA > B
OA < B
OA = B
#5
(LSB)
INPUTS
A0 A1 A2 A3 B0 B1 B2 B3
IA > B
IA < B
IA = B
OA > B
OA < B
OA = B
#1
L
NC
A20 A21
B23
B22
B21
B20
A23
A22
A19
B19
(MSB)
A5 A6 A7 A8 B5 B6 B7 B8
A0 A1 A2 A3 B0 B1 B2 B3
IA > B
IA < B
IA = B
OA > B
OA < B
OA = B
#4
NC
L
A4
B4
A0 A1 A2 A3 B0 B1 B2 B3
IA > B
IA < B
IA = B
OA > B
OA < B
OA = B
#3
NC
L
A9
B9
A10 A11
B13
B12
B11
B10
A13
A12
A0 A1 A2 A3 B0 B1 B2 B3
IA > B
IA < B
IA = B
OA > B
OA < B
OA = B
#2
NC
L
A14
B14
A15 A16
B18
B17
B16
B15
A18
A17
OUTPUTS
A0 A1 A2 A3 B0 B1 B2 B3
IA > B
IA < B
IA = B
OA > B
OA < B
OA = B
#6
INPUTS
Figure 2. Comparison of Two 24-Bit Words
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com