Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS85 Datasheet(PDF) 1 Page - SYC Electronica

Part # 74LS85
Description  4-Bit Magnitude Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS85 Datasheet(HTML) 1 Page - SYC Electronica

  74LS85 Datasheet HTML 1Page - SYC Electronica 74LS85 Datasheet HTML 2Page - SYC Electronica 74LS85 Datasheet HTML 3Page - SYC Electronica 74LS85 Datasheet HTML 4Page - SYC Electronica 74LS85 Datasheet HTML 5Page - SYC Electronica 74LS85 Datasheet HTML 6Page - SYC Electronica 74LS85 Datasheet HTML 7Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4-Bit Magnitude
Comparator
The SN74LS85 is a 4-Bit Magnitude Camparator which compares
two 4-bit words (A, B), each word having four Parallel Inputs
(A0 –A3, B0 –B3); A3, B3 being the most significant inputs. Operation
is not restricted to binary codes, the device will work with any
monotonic code. Three Outputs are provided: “A greater than B”
(OA>B), “A less than B” (OA<B), “A equal to B” (OA=B). Three
Expander Inputs, IA>B, IA<B, IA=B, allow cascading without external
gates. For proper compare operation, the Expander Inputs to the least
significant position must be connected as follows: IA<B= IA>B = L,
IA=B = H. For serial (ripple) expansion, the OA>B, OA<B and OA=B
Outputs are connected respectively to the IA>B, IA<B, and IA=B
Inputs of the next most significant comparator, as shown in Figure 1.
Refer to Applications section of data sheet for high speed method of
comparing large words.
The Truth Table on the following page describes the operation of the
SN74LS85 under all possible logic conditions. The upper 11 lines
describe the normal operation under all conditions that will occur in a
single device or in a series expansion scheme. The lower five lines
describe the operation under abnormal conditions on the cascading
inputs. These conditions occur when the parallel expansion technique
is used.
• Easily Expandable
• Binary or BCD Comparison
• O
A>B, OA<B, and OA=B Outputs Available
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS85N
16 Pin DIP
SN74LS85D
16 Pin
SOIC
D SUFFIX
CASE 751B
PLASTIC
N SUFFIX
CASE 648
16
1
16
1
74LS85
www.sycelectronica.com.ar


Similar Part No. - 74LS85

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LS85 ONSEMI-74LS85 Datasheet
133Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Fairchild Semiconductor
74LS85 FAIRCHILD-74LS85 Datasheet
58Kb / 6P
4-Bit Magnitude Comparator
More results

Similar Description - 74LS85

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC85 MOTOROLA-MC74HC85 Datasheet
219Kb / 8P
4-Bit Magnitude Comparator
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
4-BIT MAGNITUDE COMPARATOR
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
4-BIT MAGNITUDE COMPARATOR
Jun-1989
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
Jul-2001
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
4-Bit Magnitude Comparator
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
4-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
4-bit magnitude comparator
December 1990
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com