Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS90 Datasheet(PDF) 2 Page - SYC Electronica

Part # 74LS90
Description  Decade and Binary Counters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS90 Datasheet(HTML) 2 Page - SYC Electronica

  74LS90 Datasheet HTML 1Page - SYC Electronica 74LS90 Datasheet HTML 2Page - SYC Electronica 74LS90 Datasheet HTML 3Page - SYC Electronica 74LS90 Datasheet HTML 4Page - SYC Electronica 74LS90 Datasheet HTML 5Page - SYC Electronica 74LS90 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Function Tables
BCD Count Sequence (Note 1)
Bi-Quinary (5-2) (Note 2)
H
= HIGH Level
L
= LOW Level
X
= Don’t Care
Note 1: Output QA is connected to input B for BCD count.
Note 2: Output QD is connected to input A for bi-quinary count.
Note 3: Output QA is connected to input B.
Logic Diagram
The J and K inputs shown without connection are for reference only and
are functionally at a high level.
Count
Output
QD
QC
QB
QA
0
L
LLL
1L
L
L
H
2L
L
H
L
3L
L
H
H
4L
H
L
L
5L
H
L
H
6L
H
H
L
7
L
HHH
8
H
LLL
9H
L
L
H
Count
Output
QA
QD
QC
QB
0
L
LLL
1L
L
L
H
2L
L
H
L
3L
L
H
H
4L
H
L
L
5
H
LLL
6H
L
L
H
7H
L
H
L
8H
L
H
H
9H
H
L
L
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com