Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS90 Datasheet(PDF) 4 Page - SYC Electronica

Part # 74LS90
Description  Decade and Binary Counters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS90 Datasheet(HTML) 4 Page - SYC Electronica

  74LS90 Datasheet HTML 1Page - SYC Electronica 74LS90 Datasheet HTML 2Page - SYC Electronica 74LS90 Datasheet HTML 3Page - SYC Electronica 74LS90 Datasheet HTML 4Page - SYC Electronica 74LS90 Datasheet HTML 5Page - SYC Electronica 74LS90 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Electrical Characteristics (Continued)
Note 8: QA outputs are tested at IOL = Max plus the limit value of IIL for the B input. This permits driving the B input while maintaining full fan-out capability.
Note 9: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 10: ICC is measured with all outputs open, both RO inputs grounded following momentary connection to 4.5V and all other inputs grounded.
Switching Characteristics at V
CC = 5V and TA = 25°C
From (Input)
RL = 2 kΩ
Symbol
Parameter
To (Output)
CL = 15 pF
CL = 50 pF
Units
Min
Max
Min
Max
fMAX
Maximum Clock
A to QA
32
20
MHz
Frequency
B to QB
16
10
tPLH
Propagation Delay Time
A to QA
16
20
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
A to QA
18
24
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
A to QD
48
52
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
A to QD
50
60
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
B to QB
16
23
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
B to QB
21
30
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
B to QC
32
37
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
B to QC
35
44
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
B to QD
32
36
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
B to QD
35
44
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
SET-9 to QA, QD
30
35
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
SET-9 to QB, QC
40
48
ns
HIGH-to-LOW Level Output
tPHL
Propagation Delay Time
SET-0 to Any Q
40
52
ns
HIGH-to-LOW Level Output
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com