Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC190 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC190
Description  Synchronous Buck Converter with Programmable Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC190 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC190 Datasheet HTML 3Page - Semtech Corporation SC190 Datasheet HTML 4Page - Semtech Corporation SC190 Datasheet HTML 5Page - Semtech Corporation SC190 Datasheet HTML 6Page - Semtech Corporation SC190 Datasheet HTML 7Page - Semtech Corporation SC190 Datasheet HTML 8Page - Semtech Corporation SC190 Datasheet HTML 9Page - Semtech Corporation SC190 Datasheet HTML 10Page - Semtech Corporation SC190 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC190
Applications Information
SC190 Detailed Description
The SC190 is a step-down, pulse-width-modulated (PWM)
DC-DC converter with a low dropout (LDO) pre-regulator
and a low current LDO regulator for operation in low power
modes.
The device has an internal synchronous rectifier and does
not require a Schottky diode on the LX pin. The device is
designed to operate as a buck converter in PWM mode
with a fixed frequency of 1MHz, but at loads below 5mA,
the part can be operated as an ultra-low current LDO
regulator to minimize supply current.
Programmable Output Voltage
The SC190 has four device variants (SC190A, SC190B,
SC190C, SC190D) each with a distinct range of output
voltages. The output voltage of each variant has four
predetermined values which can be individually selected
by the correct programming of the VID0 and VID1 pins.
(See “Programmable Output Voltage” table on page 5).
Note that the SC190C has much higher output voltage
settings than the other three variants. This device was
intended for use with higher input voltages, so some
performance over the entire input voltage range cannot
be guaranteed.
Switcher Mode with less than 1mV supply ripple
This is a fixed frequency current mode architecture with
the input supply for the switching regulator pre-regulated
by a front-end LDO regulator. This technique reduces the
supply voltage ripple from 20mV, typically seen from a
switching converter, to approximately 1mV for the SC190.
The supply to the switcher is regulated to the supply
voltage minus approximately 300mV.
Current feedback for the switching regulator is through
the PMOS current path and it is amplified and summed
with the internal slope compensation network and level
shift. The voltage feedback loop is through an internal
feedback divider. The ON time is determined by compar-
ing the summed current feedback and the output of the
error amplifier. The period is set by the onboard oscillator
or by an external clock attached to the SYNC/PWM pin.
Efficiency at moderate to high loads can be improved by
shorting the VIN to BP pins at the expense of higher input
voltage ripple.
Continuous Conduction & Oscillator Synchronization
TheSC190isdesignedtooperateincontinuousconduction
mode thereby maintaining a fixed frequency. When the
SYNC/PWM pin is tied high the part runs under control
of the internal oscillator. The part can be synchronized to
an external clock by driving a clock signal into the SYNC/
PWM pin. The part synchronizes to the rising edge of the
clock.
Back End LDO Mode
The SC190 ultra-low current linear regulator regulates
the same output as the switching regulator. The linear
regulator minimizes the supply current drawn at light
loads consuming only 10µA when supporting a 100µA
load. The SC190 can swap between switching regulator
and linear regulator mode under control of the MODE
pin (see “handover” section). In this way the part either
operates at a fixed frequency or DC output, thereby never
generating load dependant frequencies that are typically
seen with lightly loaded switching regulators.
Handover (Switcher Mode to LDO Regulator Mode, LDO
Regulator Mode to Switcher Mode)
The device can be switched between Switcher mode and
Linear regulator mode and back to Switcher mode without
having to disable and re-enable the part. The output
maintains regulation during the switch over.
Wait Time
VMODE (Pin 5)
200ì s
< 5mA
IOUT (Pin 3)
< 300mA
Time
Linear Regulator Mode to Switching Mode
Transition
Wait Time
VMODE (Pin 5)
100ì s
< 5mA
< 300mA
Time
Switching Mode to Linear Regulator Mode
Transition
Linear Regulator IOUT Specification
Applies
IOUT (Pin 3)
Switching Converter IOUT Specification
Applies
µs
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com