Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC190 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC190
Description  Synchronous Buck Converter with Programmable Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC190 Datasheet(HTML) 3 Page - Semtech Corporation

  SC190 Datasheet HTML 1Page - Semtech Corporation SC190 Datasheet HTML 2Page - Semtech Corporation SC190 Datasheet HTML 3Page - Semtech Corporation SC190 Datasheet HTML 4Page - Semtech Corporation SC190 Datasheet HTML 5Page - Semtech Corporation SC190 Datasheet HTML 6Page - Semtech Corporation SC190 Datasheet HTML 7Page - Semtech Corporation SC190 Datasheet HTML 8Page - Semtech Corporation SC190 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC190
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VOUT Accuracy
V
OUT
I
OUT = 150mA
-3
3
%
MODE = V
IN, IOUT = 1mA
3
3
%
I
OUT = 150mA, TA = +25°C
-1.5
1.5
%
MODE = V
IN, IOUT = 1mA,
T
A = +25°C
-1.5
1.5
%
Back-end LDO
Load Regulation (BELDO)
VOUT
LOADREG
I
OUT= 100µA to 5mA
MODE = V
IN
-0.1
0.1
%/mA
Back-end LDO Line
Regulation (BELDO)
VOUT
LINEREG
V
IN = 2.7V to 5.5V
MODE = V
IN
-0.3
0.3
%/V
Back-end LDO
Current Limit (BELDO)
I
out LIMLDO
MODE = V
IN
20
40
60
mA
Front-end LDO (FELDO)
V
BP
I
BP = 180mA
(3)
300
325
mV
P-Channel Current Limit
I
LIM(P)
500
630
860
mA
N-Channel Current Limit
I
LIM(N
-270
-420
-520
mA
Quiescent Current
I
Q
MODE = V
IN, IOUT = 100µA
(4)
10
15
µA
Shutdown Current
I
SD
EN = 0
0.1
1
µA
LX Leakage Current PMOS
I
LXP
V
IN = 5.5V, LX = 0V, EN = 0
0.1
1
µA
LX Leakage Current NMOS
I
LXN
V
IN = 5.5V, LX = 5.5V, EN = 0
-20
0.1
µA
Output Voltage Noise
e
n
C
OUT = 4.7µF, VOUT = 1V,
I
OUT = 1mA, 100Hz < f < 100kHz
93
µV
RMS
Oscillator Frequency
f
OSC
0.87
1.0
1.12
MHz
SYNC Frequency (upper)
f
SYNCU
1.5
MHz
SYNC Frequency (lower)
f
SYNCL
750
kHz
Unless otherwise noted: V
IN = 3.6V, SYNC/PWM = VIN, MODE = GND, EN = VIN, TA = -40 to 85°C. Typical values are at TA = +25°C. This device is ESD sensitive.
Use of standard ESD handling precautions is required.
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com