Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2608 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2608
Description  Simple, Synchronous Voltage Mode PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2608 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2608 Datasheet HTML 1Page - Semtech Corporation SC2608 Datasheet HTML 2Page - Semtech Corporation SC2608 Datasheet HTML 3Page - Semtech Corporation SC2608 Datasheet HTML 4Page - Semtech Corporation SC2608 Datasheet HTML 5Page - Semtech Corporation SC2608 Datasheet HTML 6Page - Semtech Corporation SC2608 Datasheet HTML 7Page - Semtech Corporation SC2608 Datasheet HTML 8Page - Semtech Corporation SC2608 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC2608
Simple, Synchronous
Voltage Mode PWM Controller
Features
Revision 4: October, 2005
The SC2608 is a versatile voltage-mode PWM controller
designed for use in step down DC/DC power supply appli-
cations. A simple, fixed frequency, highly efficient buck
regulator can be implemented using the SC2608 with mini-
mal external components. The input voltage range is from
+3.3V to +12V. Internal level shift and drive circuitry elimi-
nates the need for an expensive P-channel, high-side
MOSFET. The small device footprint allows for compact
circuit design.
SC2608 features include temperature compensated volt-
age reference, triangle wave oscillator, current limit com-
parator, and an externally compensated error amplifier.
Current limit is implemented by sensing the voltage drop
across the bottom MOSFET R
DS(ON).
The SC2608 operates at a fixed frequency of 200kHz
providing an optimum compromise between efficiency ,
external component size, and cost.
SC2608 has a thermal protection circuit, which is
activated if the junction temperature exceeds 150 OC.
+3.3V or +5V or +12V input voltage
200kHz operation
High efficiency (>90%)
1% Reference voltage accuracy
Hiccup mode over current protection
Robust output drive
R
DS(ON) Current sensing for protection
Industrial temperature range
SO-8 package
Integrated boot strap diode
Termination supplies
Low cost microprocessor supplies
Peripheral card supplies
Industrial power supplies
High density DC/DC conversion
Figure 1
Description
Applications
Typical Application Circuit
sense
VOUT
+12V
SC2608
COMP/SS
DL
GND
DH
BST
PHASE
VCC
SENSE
+12V/+5V/+3.3V
sense
Thermal Shut down
Fully WEEE and RoHS Compliant


Similar Part No. - SC2608

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2608A SEMTECH-SC2608A Datasheet
557Kb / 15P
Simple, Synchronous Voltage Mode PWM Controller
SC2608AEVB SEMTECH-SC2608AEVB Datasheet
557Kb / 15P
Simple, Synchronous Voltage Mode PWM Controller
SC2608ASTRT SEMTECH-SC2608ASTRT Datasheet
557Kb / 15P
Simple, Synchronous Voltage Mode PWM Controller
SC2608B SEMTECH-SC2608B Datasheet
1Mb / 11P
Simple, Synchronous Voltage Mode PWM Controller
SC2608BEVB SEMTECH-SC2608BEVB Datasheet
1Mb / 11P
Simple, Synchronous Voltage Mode PWM Controller
More results

Similar Description - SC2608

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
Voltage-Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
Voltage Mode PWM Controller
logo
Semtech Corporation
SC1104 SEMTECH-SC1104 Datasheet
130Kb / 7P
Simple, Synchronous Voltage Mode PWM Controller
SC1104A SEMTECH-SC1104A Datasheet
285Kb / 14P
Simple, Synchronous Voltage Mode PWM Controller
SC2608A SEMTECH-SC2608A Datasheet
557Kb / 15P
Simple, Synchronous Voltage Mode PWM Controller
SC2608B SEMTECH-SC2608B Datasheet
1Mb / 11P
Simple, Synchronous Voltage Mode PWM Controller
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
Voltage Mode PWM Controller
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com