Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4808CMSTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC4808CMSTRT
Description  High Performance Dual Ended PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808CMSTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC4808CMSTRT Datasheet HTML 6Page - Semtech Corporation SC4808CMSTRT Datasheet HTML 7Page - Semtech Corporation SC4808CMSTRT Datasheet HTML 8Page - Semtech Corporation SC4808CMSTRT Datasheet HTML 9Page - Semtech Corporation SC4808CMSTRT Datasheet HTML 10Page - Semtech Corporation SC4808CMSTRT Datasheet HTML 11Page - Semtech Corporation SC4808CMSTRT Datasheet HTML 12Page - Semtech Corporation SC4808CMSTRT Datasheet HTML 13Page - Semtech Corporation SC4808CMSTRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
 2006 Semtech Corp.
www.semtech.com
SC4808C
POWER MANAGEMENT
D<50%
Instability in current mode operation
due to Duty cycle >50%
I
L : Inductor current
i
L
: Small Inductor current perturbation
I
L
i
L
Note: After afew c ycles the perturbation
disappears and stable operation returns.
D=50%
I
L
i
L
i
L
I
L
Note: After afew c ycles the perturbation
is still pres ent, although this w ill caus e
jitter, but there is no instability.
D>50%
i
L
Note: After afew c ycles the perturbation
becomes larger, and causes instability.
i
L
Time
Time
Time
SLOPE COMPENSATION (Current or Voltage mode of operation)
In applications where a current mode control is used for regulation, the peak inductor current information is used to
produce the average output current. If a small perturbation due to changes in supply voltage or noise pick up is gener-
ated, instability may occur if the duty cycle is >50%.
This phenomenon is graphically shown below. The inductor current and disturbed inductor current are shown for three
different duty cycles conditions.
The top wave form shows the applications where the duty cycle D is less than 50%. As shown, even if an error is
introduced, after only a few cycles the error converges to zero.
The second wave form shows the case where D = 50%. Under this condition, even though the error does not completely
disappear, it stays constant and is not getting larger. This will be seen as jitter at the inductor voltage.
The bottom wave form shows D>50%. As shown, a very small error results in a much larger error only after a few cycles.
This will cause instability in the converter and the average output inductor current. The output load will not be able to be
kept in regulation.
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com