Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4808CMSTRT Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC4808CMSTRT
Description  High Performance Dual Ended PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808CMSTRT Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC4808CMSTRT Datasheet HTML 12Page - Semtech Corporation SC4808CMSTRT Datasheet HTML 13Page - Semtech Corporation SC4808CMSTRT Datasheet HTML 14Page - Semtech Corporation SC4808CMSTRT Datasheet HTML 15Page - Semtech Corporation SC4808CMSTRT Datasheet HTML 16Page - Semtech Corporation SC4808CMSTRT Datasheet HTML 17Page - Semtech Corporation SC4808CMSTRT Datasheet HTML 18Page - Semtech Corporation SC4808CMSTRT Datasheet HTML 19Page - Semtech Corporation SC4808CMSTRT Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
 2006 Semtech Corp.
www.semtech.com
SC4808C
POWER MANAGEMENT
Gain & Phase Margin
Typical SC4808C Push Pull Converter Gain/Phase plot at Vin = 36V, Vout = 3.3V, Iout = 10A, Fosc = 650kHz
-30
-20
-10
0
10
20
30
40
50
10
100
1000
10000
100000
Freq (Hz)
-225
-180
-135
-90
-45
0
45
90
135
180
225
Gain
Phase (deg)
Gain
Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com