Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4614 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4614
Description  500kHz Voltage Mode PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4614 Datasheet(HTML) 2 Page - Semtech Corporation

  SC4614 Datasheet HTML 1Page - Semtech Corporation SC4614 Datasheet HTML 2Page - Semtech Corporation SC4614 Datasheet HTML 3Page - Semtech Corporation SC4614 Datasheet HTML 4Page - Semtech Corporation SC4614 Datasheet HTML 5Page - Semtech Corporation SC4614 Datasheet HTML 6Page - Semtech Corporation SC4614 Datasheet HTML 7Page - Semtech Corporation SC4614 Datasheet HTML 8Page - Semtech Corporation SC4614 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4614
Absolute Maximum Ratings
Electrical Characteristics
Unless specified: V
CC = 5V to 18V; VFB = VO; VBST - VPN = 5V to 8.2V; TA = -40 to 85°C
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
l
a
r
e
n
e
G
e
g
a
tl
o
V
y
l
p
p
u
S
C
C
VVCC
48
1V
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
C
C
VI
C
C
V
Q
VCC
V
,
V
2
1
=
BST
V
- PN
V
2
.
8
=
57
A
m
t
u
o
k
c
o
L
e
g
a
tl
o
V
r
e
d
n
U
C
C
VV
U
C
C
V
V
T
S
Y
H
V
m
0
0
1
=4
V
e
g
a
tl
o
V
y
l
p
p
u
S
N
P
o
t
T
S
BV
N
P
_
T
S
B
40
1V
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
T
S
BI
T
S
B
Q
VCC
V
,
V
2
1
=
BST
V
- PN
V
2
.
8
=
3A
m
O
D
L
l
a
n
r
e
t
n
I
t
u
p
t
u
O
O
D
LV
V
R
D
V
<
V
6
.
8
C
C
V
8
1
<2
.
8V
e
g
a
tl
o
V
t
u
o
p
o
r
DV
P
O
R
D
V
<
V
4
C
C
V
6
.
8
<4
.
0V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
S
t
u
p
n
IVCC
0
2V
D
N
G
o
t
T
S
BV
T
S
B
0
4V
N
P
o
t
T
S
BV
N
P
_
T
S
B
0
1V
D
N
G
o
t
N
PV
N
P
0
3
o
t
1
-V
t
(
e
s
l
u
P
e
v
it
a
g
e
N
D
N
G
o
t
N
P
e
s
l
u
p
)
s
n
0
2
<V
E
S
L
U
P
_
N
P
5
-V
D
N
G
o
t
L
DV
L
D
o
t
1
-0
1
+V
t
(
e
s
l
u
P
e
v
it
a
g
e
N
D
N
G
o
t
L
D
e
s
l
u
p
)
s
n
0
2
<V
E
S
L
U
P
_
L
D
3
-V
N
P
o
t
H
DV
N
P
_
H
D
o
t
1
-0
1
+V
t
(
e
s
l
u
P
e
v
it
a
g
e
N
N
P
o
t
H
D
e
s
l
u
p
)
s
n
0
2
<V
E
S
L
U
P
_
H
D
3
-V
D
N
G
o
t
V
R
DV
V
R
D
0
1V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
OT
A
5
8
o
t
0
4
-C
°
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
OT
J
5
2
1
o
t
0
4
-C
°
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
6
3
1W
/
C
°
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
5
4W
/
C
°
s
0
1
)
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
o
t
5
6
-C
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com