Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4614 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4614
Description  500kHz Voltage Mode PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4614 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4614 Datasheet HTML 1Page - Semtech Corporation SC4614 Datasheet HTML 2Page - Semtech Corporation SC4614 Datasheet HTML 3Page - Semtech Corporation SC4614 Datasheet HTML 4Page - Semtech Corporation SC4614 Datasheet HTML 5Page - Semtech Corporation SC4614 Datasheet HTML 6Page - Semtech Corporation SC4614 Datasheet HTML 7Page - Semtech Corporation SC4614 Datasheet HTML 8Page - Semtech Corporation SC4614 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC4614
500kHz Voltage Mode PWM Controller
Features
Applications
January 16, 2007
Typical Application Circuit
Description
The SC4614 is a high-speed, voltage mode PWM con-
troller that provides the control and protection features
necessary for a synchronous buck converter.
The SC4614 is designed to directly drive the top and
bottom MOSFETs of the buck converter. It allows the con-
verter to operate at 500kHz switching frequency with
4V to 25V power rail and as low as 0.5V output. It uses
an internal 8.2V supply as the gate drive voltage for mini-
mum driver power loss and MOSFET switching loss.
The SC4614 features soft-start, supply power under volt-
age lockout, and hiccup mode over current protection.
The SC4614 monitors the output current by using the
Rdson of the bottom MOSFET in the buck converter that
eliminates the need for a current sensing resistor. The
SC4614 is offered in a MSOP-10 package.
u 500kHz switching frequency
u 4V to 25V power rails
u 0.5V voltage reference for programmable output
voltages
u Internal LDO for optimum gate drive voltage
u 1.5A gate drive current
u Adaptive non-overlapping gate drives provide
shoot-through protection for MOSFETs
u Internal soft start
u Hiccup mode short circuit protection
u Power rail under voltage lockout
u MSOP-10 package, fully RoHS and WEEE compliant
u Embedded, low cost, high efficiency converters
u Point of load power supplies
u Set top box power supplies
u PDP/TFT TVs
u Consumer electronics
12V IN
1
2
1.5V OUT
SC4614
1
2
3
4
7
8
9
10
5
6
BST
OCS
COMP
FB
VCC
DL
PN
DH
GND
DRV
+
+


Similar Part No. - SC4614

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC461 SEMTECH-SC461 Datasheet
878Kb / 31P
EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
SC4611 SEMTECH-SC4611 Datasheet
255Kb / 11P
Wide Input Range High Performance Synchronous Buck Switching Regulator
SC4611ITSTRT SEMTECH-SC4611ITSTRT Datasheet
255Kb / 11P
Wide Input Range High Performance Synchronous Buck Switching Regulator
SC4612 SEMTECH-SC4612 Datasheet
425Kb / 24P
Wide Input Range High Performance Synchronous Buck Switching Controller
SC4612EVB SEMTECH-SC4612EVB Datasheet
425Kb / 24P
Wide Input Range High Performance Synchronous Buck Switching Controller
More results

Similar Description - SC4614

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA7500B SAMSUNG-KA7500B Datasheet
97Kb / 5P
VOLTAGE-MODE PWM CONTROLLER
logo
Semtech Corporation
SC1101 SEMTECH-SC1101 Datasheet
96Kb / 8P
VOLTAGE MODE PWM CONTROLLER
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Fairchild Semiconductor
FAN7556 FAIRCHILD-FAN7556 Datasheet
243Kb / 10P
Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
Voltage-Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
Voltage Mode PWM Controller
logo
Semtech Corporation
SC2621 SEMTECH-SC2621 Datasheet
232Kb / 10P
500kHz Voltage Mode PWM Controller With Linear Power Regulator
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
Voltage Mode PWM Controller
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com