Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4612 Datasheet (PDF) - Semtech Corporation

SC4612 Datasheet PDF - Semtech Corporation
Part # SC4612
Download  SC4612 Download
File Size   425.88 Kbytes
Page   24 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Wide Input Range High Performance Synchronous Buck Switching Controller

SC4612 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4612 Datasheet PDF - Semtech Corporation

Part # SC4612
Download  SC4612 Click to download

File Size   425.88 Kbytes
Page   24 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Wide Input Range High Performance Synchronous Buck Switching Controller

SC4612 Datasheet (HTML) - Semtech Corporation


SC4612 Product details

Description

SC4612 is a high performance synchronous buck controller that can be configured for a wide range of applications. The SC4612 utilizes synchronous rectified buck topology where high efficiency is the primary consideration. SC4612 is optimized for applications requiring wide input supply range and low output voltages down to 500mV.

SC4612 implements an asynchronous soft-start mode, which keeps the lower side MOSFET off during soft-start, a desired feature when a converter turns on into a preset external voltage or pre-biased output voltage. With the lower MOSFET off, the external bus is not discharged, preventing any disturbances in the start up slope and any latch-up of modern day ASIC circuits.



Features

■ Wide voltage range, VDD = 28V, VPWRIN = 40V

■ Internally regulated DRV

■ Output voltage as low as 0.5V

■ 1.7A gate drive capability

■ Asynchronous start up mode

■ Low side RDS-ON sensing with hiccup mode current limit

■ Programmable current limit

■ Programmable frequency up to 1.2 MHz

■ Available in MLPD-12 and SOIC-14 Lead-free packages. This product is fully WEEE and RoHS compliant



Applications

■ Distributed power architectures

■ Telecommunication equipment

■ Servers/work stations

■ Mixed signal applications

■ Base station power management

■ Point of use low voltage high current applications



 




Similar Part No. - SC4612

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4612H SEMTECH-SC4612H Datasheet
539Kb / 21P
40V Synchronous Buck Controller
SC4612H SEMTECH-SC4612H Datasheet
1Mb / 18P
40V Synchronous Buck Controller
SC4612HEVB SEMTECH-SC4612HEVB Datasheet
539Kb / 21P
40V Synchronous Buck Controller
SC4612HEVB SEMTECH-SC4612HEVB Datasheet
1Mb / 18P
40V Synchronous Buck Controller
SC4612HMLTRT SEMTECH-SC4612HMLTRT Datasheet
539Kb / 21P
40V Synchronous Buck Controller
More results


Similar Description - SC4612

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4611 SEMTECH-SC4611 Datasheet
255Kb / 11P
Wide Input Range High Performance Synchronous Buck Switching Regulator
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2442 SEMTECH-SC2442 Datasheet
332Kb / 10P
High Performance Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
Wide Input Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
Wide Input Range Synchronous Buck Controller
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com