Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4612H Datasheet (PDF) - Semtech Corporation

SC4612H Datasheet PDF - Semtech Corporation
Part # SC4612H
Download  SC4612H Download
File Size   539.74 Kbytes
Page   21 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 40V Synchronous Buck Controller

SC4612H Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4612H Datasheet PDF - Semtech Corporation

Part # SC4612H
Download  SC4612H Click to download

File Size   539.74 Kbytes
Page   21 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 40V Synchronous Buck Controller

SC4612H Datasheet (HTML) - Semtech Corporation


SC4612H Product details

Description

The SC4612H is a high performance synchronous buck controller that can be configured for a wide range of applications. The SC4612H utilizes synchronous rectified buck topology where high efficiency is the primary consideration. SC4612H can be used over a wide input voltage range with output voltage adjustable within limits set by the duty cycle boundaries.

SC4612H comes with a rich set of features such as regulated DRV supply, programmable soft-start, high current gate drivers, shoot through protection, RDS(ON) sensing with hiccup over current protection.



Features

■ Wide input voltage range, 4.75V to 40V

■ Internally regulated DRV

■ 1.7A gate drive capability

■ Low side RDS-ON sensing with hiccup OCP

■ Programmable current limit

■ Programmable frequency up to 1.2 MHz

■ Overtemperature protected

■ Pre-bias startup

■ Reference accuracy ±1%

■ Available in MLPD-12 4 x 3 and SOIC-14 Pb-free packages. This product is fully WEEE and RoHS compliant



Applications

■ Distributed power architectures

■ Telecommunication equipment

■ Servers/work stations

■ Mixed signal applications

■ Base station power management

■ Point of use low voltage high current applications     



 




Similar Part No. - SC4612H

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4612H SEMTECH-SC4612H Datasheet
1Mb / 18P
40V Synchronous Buck Controller
SC4612HEVB SEMTECH-SC4612HEVB Datasheet
1Mb / 18P
40V Synchronous Buck Controller
SC4612HMLTRT SEMTECH-SC4612HMLTRT Datasheet
1Mb / 18P
40V Synchronous Buck Controller
SC4612HSTRT SEMTECH-SC4612HSTRT Datasheet
1Mb / 18P
40V Synchronous Buck Controller
SC4612H SEMTECH-SC4612H_09 Datasheet
1Mb / 18P
40V Synchronous Buck Controller
More results


Similar Description - SC4612H

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6133 SIPEX-SP6133 Datasheet
1,022Kb / 20P
Synchronous Buck Controller
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
Synchronous Buck Controller
logo
Maxim Integrated Produc...
MAX15046 MAXIM-MAX15046 Datasheet
3Mb / 23P
40V, High-Performance, Synchronous Buck Controller
Rev 0; 7/09
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Maxim Integrated Produc...
MAX15046 MAXIM-MAX15046_10 Datasheet
3Mb / 24P
40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
logo
Semtech Corporation
SC4612H SEMTECH-SC4612H_09 Datasheet
1Mb / 18P
40V Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
Synchronous Buck Controller
REV. A
LTC7817 AD-LTC7817 Datasheet
2Mb / 44P
40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
logo
Major-Power Technology ...
MA5621 MPOWER-MA5621 Datasheet
320Kb / 2P
40V Synchronous Buck Controller with 2ch CC/CV
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com