Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2442 Datasheet (PDF) - Semtech Corporation

SC2442 Datasheet PDF - Semtech Corporation
Part # SC2442
Download  SC2442 Download
File Size   332.4 Kbytes
Page   10 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Performance Wide Input Range Dual Synchronous Buck Controller

SC2442 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC2442 Datasheet PDF - Semtech Corporation

Part # SC2442
Download  SC2442 Click to download

File Size   332.4 Kbytes
Page   10 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Performance Wide Input Range Dual Synchronous Buck Controller

SC2442 Datasheet (HTML) - Semtech Corporation


SC2442 Product details

Description

SC2442 and SC2442H are high performance dual buck converter controllers that can be configured for a variety of synchronous buck applications where efficiency is most important. Both converters are synchronized to prevent beat frequencies. The dual buck converters are also operated out of phase reducing input ripple, allowing for fewer input capacitors.



Features

♦ Dual output controller

♦ Asynchronous start up mode

♦ Power up sequencing to prevent latch-ups

♦ Out of phase operation for low input ripple

♦ Over current protection

♦ Output down to 0.75V

♦ Wide input range, 4.75 to 30V for SC2442 and 4.75 to 36V for SC2442H

♦ Vcc regulator with external PNP transistor

♦ Programmable clock frequency up to 1.1MHz

♦ Two synchronous bucks for high efficiency at high current

♦ –40 to +125 Deg C operating temperature

♦ Small package TSSOP-24

♦ Fully WEEE and RoHS Compliant



Applications

♦ Point of load converter applications

♦ DSL applications with multiple output voltages

♦ Power management for mixed signal applications

♦ Cable modems and set top boxes.



 




Similar Part No. - SC2442

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
SC244 VITALCONN-SC244 Datasheet
468Kb / 3P
SFP2*4 CAGECONN
logo
Semtech Corporation
SC2440 SEMTECH-SC2440 Datasheet
664Kb / 26P
2.5 MHz Dual Switching Regulator with Integrated 2A Switches
SC2440A SEMTECH-SC2440A Datasheet
4Mb / 28P
Dual 30V Step-Down Switching Regulator with 2A Switches
SC2440AEVB SEMTECH-SC2440AEVB Datasheet
4Mb / 28P
Dual 30V Step-Down Switching Regulator with 2A Switches
SC2440ATETRT SEMTECH-SC2440ATETRT Datasheet
4Mb / 28P
Dual 30V Step-Down Switching Regulator with 2A Switches
More results


Similar Description - SC2442

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4612 SEMTECH-SC4612 Datasheet
425Kb / 24P
Wide Input Range High Performance Synchronous Buck Switching Controller
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
High Performance Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
Wide Input Range Synchronous Buck Controller
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
Wide Input Range Dual Synchronous Buck Controller
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
Wide Input Range, Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
Wide Input Range Dual Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
Wide Input Range Synchronous Buck Controller
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com