Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2542 Datasheet (PDF) - Semtech Corporation

SC2542 Datasheet PDF - Semtech Corporation
Part # SC2542
Download  SC2542 Download
File Size   1339.62 Kbytes
Page   27 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Performance Wide Input Range Dual Synchronous Buck Controller

SC2542 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC2542 Datasheet PDF - Semtech Corporation

Part # SC2542
Download  SC2542 Click to download

File Size   1339.62 Kbytes
Page   27 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Performance Wide Input Range Dual Synchronous Buck Controller

SC2542 Datasheet (HTML) - Semtech Corporation


SC2542 Product details

Description
SC2542 is a high performance dual PWM controller. It is designed to convert a widely ranged battery rail down to two independent output rails. The PWM operation of the two channels are 180 degrees out of phase which can greatly reduce the size and the cost of the input capacitors. Synchronous buck PWM topology and voltage mode control allow fast transient response and flexible component selection for easy designs. A 5V standby regulator is integrated. A 10V internal linear regulator provides the bias for the controller, and this voltage is optimized for gate drivers to deliver high efficiency.

Features
◆ Independent dual-switcher-outputs
◆ Integrated 5V standby output with over 50mA capability
◆ Wide input voltage range: 6.5V ~ 28V
◆ Adjustable output voltage down to 0.75V
◆ Light load efficiency enhancement
◆ Programmable skip mode operation
◆ Flexible power sequencing with enable and power good output
◆ Synchronous buck topology with voltage mode control
◆ Out of phase operation to reduce cost of input capacitor
◆ 10V internal regulator for gate driver to deliver high efficiency
◆ Programmable switching frequency: 100KHz ~ 300KHz
◆ Full protection: UVLO, OVP, and programmable OCP
◆ No need for current sense resistor
◆ Low standby operating current (200µA typical)
◆ Low shut down current (100nA typical)
◆ 28 lead TSSOP package with exposed die pad (EDP)
◆ Fully WEEE package and RoHS Compliant

Applications
◆ Notebook computer system power
◆ Systems with 6.5V ~ 28V input
◆ Network and telecom systems
◆ Other portable devices




Similar Part No. - SC2542

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SC2540 SHUNYE-SC2540 Datasheet
260Kb / 2P
25 AMP SOZA CELL
logo
Semtech Corporation
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2545EVB SEMTECH-SC2545EVB Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2545MLTRT SEMTECH-SC2545MLTRT Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
More results


Similar Description - SC2542

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4612 SEMTECH-SC4612 Datasheet
425Kb / 24P
Wide Input Range High Performance Synchronous Buck Switching Controller
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
High Performance Wide Input Range Dual Synchronous Buck Controller
SC2442 SEMTECH-SC2442 Datasheet
332Kb / 10P
High Performance Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
Wide Input Range Synchronous Buck Controller
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
Wide Input Range Dual Synchronous Buck Controller
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
Wide Input Range, Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
Wide Input Range Dual Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
Wide Input Range Synchronous Buck Controller
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com